Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM333K Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM333K
Description  3-Ampere Adjustable Negative Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM333K Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM333K Datasheet HTML 1Page - National Semiconductor (TI) LM333K Datasheet HTML 2Page - National Semiconductor (TI) LM333K Datasheet HTML 3Page - National Semiconductor (TI) LM333K Datasheet HTML 4Page - National Semiconductor (TI) LM333K Datasheet HTML 5Page - National Semiconductor (TI) LM333K Datasheet HTML 6Page - National Semiconductor (TI) LM333K Datasheet HTML 7Page - National Semiconductor (TI) LM333K Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Typical Applications (Continued)
DS009065-15
FIGURE 2.
Adjustable Negative Voltage Regulator
DS009065-3
†C1 = 1 µF solid tantalum or 10 µF aluminum electrolytic required for stability.
*C2 = 1 µF solid tantalum is required only if regulator is more than 4" from power supply filter capacitor.
Output capacitors in the range of 1 µF to 1000 µF of aluminum or tantalum electrolytic are commonly used to provide lower output impedance and improved
transient response.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com