Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3350 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3350
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3350 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3350 Datasheet HTML 1Page - National Semiconductor (TI) LM3350 Datasheet HTML 2Page - National Semiconductor (TI) LM3350 Datasheet HTML 3Page - National Semiconductor (TI) LM3350 Datasheet HTML 4Page - National Semiconductor (TI) LM3350 Datasheet HTML 5Page - National Semiconductor (TI) LM3350 Datasheet HTML 6Page - National Semiconductor (TI) LM3350 Datasheet HTML 7Page - National Semiconductor (TI) LM3350 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics
2/3 Step-Down Voltage Converter (Continued)
Specifications in standard type face are for T
j = 25˚C, and those with boldface type apply over full operating temperature
range. Unless otherwise specified, V
high = 5V, VEnable = 5V, Iload =50mA.
Symbol
Parameter
Conditions
Typ (Note 4)
Limits (Note 5)
Units
I
Q2
Quiescent Current
Normal Mode, I
Ioad = 0A; Current into
pin V
high
2.5
mA
3.3
mA(Max)
Z
out
Output Source
Impedance
I
load =50mA
1.8
Ω
3
Ω (Max)
f
SW
Switching
Frequency
(Note 6)
800
kHz
500
kHz(Min)
1100
kHz(Max)
V
Enable
Enable Threshold
Voltage
1.7
V
1.0
V(Min)
2.5
V(Max)
I
Enable
Leakage Current
Current into ENABLE pin; ENABLE =
5V and all other pins at ground
0.025
µA
1
µA(Max)
Pη
Power Efficiency
90
%
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see Electrical Characteristics. The guar-
anteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: For operation at elevated temperatures, LM3350 must be derated based on package thermal resistance of
θja and Tj max, Tj =TA+ θjaPD.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 kW resistor into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely parametric norm.
Note 5: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Averaging Outgoing Quality Level (AOQL).
Note 6: The internal oscillator runs at 1.6 MHz, the output switches operate at one half of the oscillator frequency, fOSC = 2fSW.
Typical Performance Characteristics
V
out vs Iload (Step-Up)
DS100002-4
Pη vs Iload (Step-Up)
DS100002-6
Output Source Impedance vs
Temperature (Step-Up)
DS100002-9
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com