Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5734/MR Datasheet(PDF) 17 Page - Microchip Technology

Part # USB5734/MR
Description  4-Port SS/HS USB Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5734/MR Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB5734/MR Datasheet HTML 13Page - Microchip Technology USB5734/MR Datasheet HTML 14Page - Microchip Technology USB5734/MR Datasheet HTML 15Page - Microchip Technology USB5734/MR Datasheet HTML 16Page - Microchip Technology USB5734/MR Datasheet HTML 17Page - Microchip Technology USB5734/MR Datasheet HTML 18Page - Microchip Technology USB5734/MR Datasheet HTML 19Page - Microchip Technology USB5734/MR Datasheet HTML 20Page - Microchip Technology USB5734/MR Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
 2015-2016 Microchip Technology Inc.
DS00001854D-page 17
USB5734
3.4
Configuration Straps and Programmable Functions
Configuration straps are multi-function pins that are used during Power-On Reset (POR) or external chip reset
(RESET_N) to determine the default configuration of a particular feature. The state of the signal is latched following de-
assertion of the reset. Configuration straps are identified by an underlined symbol name. This section details the various
device configuration straps and associated programmable pin functions.
3.4.1
SPI/SMBUS/I2C/UART CONFIGURATION (I2C_SLV_CFG[1:0])
The SPI/SMBus/I2C//UART pins can be configured into one of four functional modes:
• SPI Mode
• SMBus Slave Enable Mode
•I2C Bridging Mode
•UART Mode
If 10 k
 pull-up resistors are detected on SPI_DO and SPI_CLK, the SPI/SMBus/I2C/UART pins are configured into
SMBus Slave Enable Mode. If a 10 k
 pull-down resistor is detected on SPI_DO, the SPI/SMBus/I2C/UART pins are
configured into UART Mode. If no pull-ups or pull-downs are detected on SPI_DO and SPI_CLK, the SPI/SMBus/I2C/
UART pins are first configured into SPI Mode. If no valid SPI ROM is detected, the SPI/SMBus/I2C/UART pins are con-
figured into I2C Bridging Mode. The strap settings for these supported modes are detailed in Table 3-11. The individual
pin function assignments for each mode are detailed in Table 3-12. For additional device connection information, refer
to Section 4.0, "Device Connections".
Note 6:
In order to use the SPI interface, an SPI ROM containing a valid signature of 2DFU (device firmware
upgrade) beginning at address 0xFFFA must be present. Refer to Section 7.1, "SPI Master Interface" for
additional information.
Note 7:
In order to use the SMBus slave interface, the SPI_DO and SPI_CLK pins must be configured for SMBus
Slave Enable Mode and CFG_STRAP must be configured to Configuration 1, 2, 3, or 6, which programs the
PROG_FUNC4 and PROG_FUNC5 pins as SMDAT and SMCLK, respectively. When in Configuration 4 or
5, the SMBus slave interface is not usable. Refer to Section 3.4.5, "Device Mode / PROG_FUNC[7:1] Con-
figuration (CFG_STRAP)" for additional information.
Note 8:
In order to use the I2C Bridging interface, the SPI_DO and SPI_CLK pins must be configured for I2C Bridg-
ing Mode and CFG_STRAP must be configured to Configuration 1, 2, 3, or 6, which programs the PROG_-
FUNC4 and PROG_FUNC5 pins as SMDAT and SMCLK, respectively. When in Configuration 4 or 5, the
I2C Bridging interface is not usable. Additional hub register configuration is also required. Refer to Section
3.4.5, "Device Mode / PROG_FUNC[7:1] Configuration (CFG_STRAP)" and Section 7.3, "I2C Bridge Inter-
face" for additional information.
Note:
The system designer must guarantee that configuration straps meet the timing requirements specified in
Section 9.6.2, "Power-On and Configuration Strap Timing," on page 46 and Section 9.6.3, "Reset and Con-
figuration Strap Timing," on page 47. If configuration straps are not at the correct voltage level prior to being
latched, the device may capture incorrect strap values.
Note:
The following interfaces cannot be used simultaneously:
• UART and SMBus Slave
• UART and SPI
• SMBus Slave and I2C Bridging interface
TABLE 3-11:
SPI/SMBUS/I2C/UART MODE CONFIGURATION SETTINGS
Pin
SPI Mode
(Note 6)
SMBus Slave Enable
Mode (Note 7)
I2C Bridging
Mode (Note 8)
UART
Mode
43
(SPI_DO)
No pull-up/down
10 k
 pull-up
No pull-up/down
10 k
 pull-down
42
(SPI_CLK)
No pull-up/down
10 k
 pull-up
No pull-up/down
No pull-up/down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com