Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2513Bi-AEZG Datasheet(PDF) 55 Page - Microchip Technology

Part # USB2513Bi-AEZG
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2513Bi-AEZG Datasheet(HTML) 55 Page - Microchip Technology

Back Button USB2513Bi-AEZG Datasheet HTML 49Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 50Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 51Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 52Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 53Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 54Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 55Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 56Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 57Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
2010 - 2015 Microchip Technology Inc.
DS00001692C-page 55
USB251xB/xBi
PRODUCT IDENTIFICATION SYSTEM
The USB251xB/xBi is available in a 36-pin SQFN (preferred) and 36-pin QFN (legacy) package. For new designs, the
36-pin SQFN is recommended. The ordering code information varies dependent on the package selected. The following
sub-sections detail the product identification system for the 36-pin SQFN (preferred) and 32-pin QFN (legacy). To order
or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
36-Pin SQFN (Preferred)
36-Pin QFN (Legacy)
* Add “-TR” to the end of any QFN order number to order tape and reel. Reel size is 3,000 pieces.
Order Numbers*
ROHS Compliant Package
Package Size
(mm)
Temperature Range
USB2512B-AEZG
USB2513B-AEZC
USB2514B-AEZC
36-QFN
6x6
0ºC to 85ºC
USB2512Bi-AEZG
USB2513Bi-AEZG
USB2514Bi-AEZG
-40ºC to 85ºC
Device:
USB2512B = 2-Port USB 2.0 Hub
USB2513B = 3-Port USB 2.0 Hub
USB2514B = 4-Port USB 2.0 Hub
Tape and Reel
Option:
Blank
= Standard packaging (tray)
T
= Tape and Reel (Note 1)
Temperature
Range:
Blank
=
0
C to +85C
(Extended Commercial)
I= -40
C to +85C
(Industrial)
Package:
M2
=
36-pin SQFN
Examples:
a)
USB2512B/M2
2-Port USB hub, Tray, Extended com-
mercial temp, 36-pin SQFN
b)
USB2514BT-I/M2
4-Port USB hub, Tape & reel, Industrial
temp., 36-pin SQFN
Note 1:
Reel size is 3,000 pieces. Tape and
Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering pur-
poses and is not printed on the
device package. Check with your
Microchip Sales Office for package
availability with the Tape and Reel
option.
PART NO.
Device
Tape and Reel
Option
/
Temperature
Range
XX
[X](1)
[-X]
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com