Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDCBCTRL10350 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDCBCTRL10350
Description  Improved light management system
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDCBCTRL10350 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDCBCTRL10350 Datasheet HTML 1Page - OSRAM GmbH LEDCBCTRL10350 Datasheet HTML 2Page - OSRAM GmbH LEDCBCTRL10350 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Equipment / Accessories
_ Connector clips included
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899327375
LEDriving Canbus
Control 50 W
Folding carton box
2
121 mm x 48 mm x
160 mm
0.93 dm³
96.00 g
4052899327382
LEDriving Canbus
Control 50 W
Shipping carton box
8
206 mm x 131 mm x
181 mm
4.88 dm³
518.00 g
4052899327399
LEDriving Canbus
Control 50 W
Shipping carton box
80
- x - x -
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 09:20:16
© 2016, OSRAM GmbH. All rights reserved.
LEDriving Canbus Control 50 W
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com