Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4404 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC4404
Description  1.5A Dual Open-Drain MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC4404_16 Datasheet HTML 9Page - Microchip Technology TC4404_16 Datasheet HTML 10Page - Microchip Technology TC4404_16 Datasheet HTML 11Page - Microchip Technology TC4404_16 Datasheet HTML 12Page - Microchip Technology TC4404_16 Datasheet HTML 13Page - Microchip Technology TC4404_16 Datasheet HTML 14Page - Microchip Technology TC4404_16 Datasheet HTML 15Page - Microchip Technology TC4404_16 Datasheet HTML 16Page - Microchip Technology TC4404_16 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2002-2016 Microchip Technology Inc.
DS20001418E-page 13
TC4404/TC4405
Microchip Technology Drawing No. C04-018D Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
INCHES
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
.100 BSC
Top to Seating Plane
A
-
-
.210
Molded Package Thickness
A2
.115
.130
.195
Base to Seating Plane
A1
.015
Shoulder to Shoulder Width
E
.290
.310
.325
Molded Package Width
E1
.240
.250
.280
Overall Length
D
.348
.365
.400
Tip to Seating Plane
L
.115
.130
.150
Lead Thickness
c
.008
.010
.015
Upper Lead Width
b1
.040
.060
.070
Lower Lead Width
b
.014
.018
.022
Overall Row Spacing
eB
-
-
.430
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
3.
1.
protrusions shall not exceed .010" per side.
2.
4.
Notes:
§
--
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
Pin 1 visual index feature may vary, but must be located within the hatched area.
§ Significant Characteristic
Dimensioning and tolerancing per ASME Y14.5M
e
DATUM A
DATUM A
e
b
e
2
b
e
2
ALTERNATE LEAD DESIGN
(VENDOR DEPENDENT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com