Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4404 Datasheet(PDF) 19 Page - Microchip Technology

Part # TC4404
Description  1.5A Dual Open-Drain MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404 Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC4404 Datasheet HTML 14Page - Microchip Technology TC4404 Datasheet HTML 15Page - Microchip Technology TC4404 Datasheet HTML 16Page - Microchip Technology TC4404 Datasheet HTML 17Page - Microchip Technology TC4404 Datasheet HTML 18Page - Microchip Technology TC4404 Datasheet HTML 19Page - Microchip Technology TC4404 Datasheet HTML 20Page - Microchip Technology TC4404 Datasheet HTML 21Page - Microchip Technology TC4404 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2002-2016 Microchip Technology Inc.
DS20001418E-page 19
TC4404/TC4405
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
XX
Package
Temperature
Range
Device
Device:
TC4404:
Dual Open-Drain MOSFET Driver
TC4405:
Dual Open-Drain MOSFET Driver
Temperature
Range:
C=
0
C to +70C
E= -40
C to +85C
Package:
OA
=
Plastic Small Outline (3.90 mm Body),8-Lead,
SOIC
PA
=
Plastic Dual In-Line (300 mil Body), 8-Lead, PDIP
OA713 =
Plastic Small Outline (3.90 mm Body),8-Lead,
SOIC
(Tape and Reel)
Examples:
a)
TC4404COA:
1.5A Dual Open-Drain MOSFET
Driver,
0°C to +70°C,
8LD SOIC Package
b)
TC4404EOA:
1.5A Dual Open-Drain MOSFET
Driver,
-40°C to +85°C,
8LD SOIC Package
c)
TC4404CPA:
1.5A Dual Open-Drain MOSFET
Driver,
0°C to +70°C,
8LD PDIP Package
d)
TC4405EPA:
1.5A Dual Open-Drain MOSFET
Driver,
-40°C to +85°C,
8LD PDIP Package
e)
TC4404EOA713:
1.5A Dual Open-Drain MOSFET
Driver,
-40°C to +85°C,
8LD SOIC Package,
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com