Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN88730 Datasheet(PDF) 65 Page - Microchip Technology

Part # LAN88730
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730 Datasheet(HTML) 65 Page - Microchip Technology

Back Button LAN88730 Datasheet HTML 61Page - Microchip Technology LAN88730 Datasheet HTML 62Page - Microchip Technology LAN88730 Datasheet HTML 63Page - Microchip Technology LAN88730 Datasheet HTML 64Page - Microchip Technology LAN88730 Datasheet HTML 65Page - Microchip Technology LAN88730 Datasheet HTML 66Page - Microchip Technology LAN88730 Datasheet HTML 67Page - Microchip Technology LAN88730 Datasheet HTML 68Page - Microchip Technology LAN88730 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
2012-2015 Microchip Technology Inc.
DS60001256B-page 65
LAN88730
5.7.3
POWER-ON nRST & CONFIGURATION STRAP TIMING
This diagram illustrates the nRST reset and configuration strap timing requirements in relation to power-on. A hardware
reset (nRST assertion) is required following power-up. For proper operation, nRST must be asserted for no less than
trstia. The nRST pin can be asserted at any time, but must not be deasserted before tpurstd after all external power sup-
plies have reached operational levels. In order for valid configuration strap values to be read at power-up, the tcss and
tcsh timing constraints must be followed. Refer to Section 3.8.5, "Resets" for additional information.
Note 1: 20 clock cycles for 25 MHz, or 40 clock cycles for 50 MHz
FIGURE 5-3:
POWER-ON nRST & CONFIGURATION STRAP TIMING
TABLE 5-9:
POWER-ON nRST & CONFIGURATION STRAP TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
tpurstd
External power supplies at operational level to nRST
deassertion
25
ms
tpurstv
External power supplies at operational level to nRST
valid
0ns
trstia
nRST input assertion time
100
µs
tcss
Configuration strap pins setup to nRST deassertion
200
ns
tcsh
Configuration strap pins hold after nRST deassertion
2
ns
totaa
Output tri-state after nRST assertion
50
ns
todad
Output drive after nRST deassertion
800
(see Note 1)
ns
Note:
nRST deassertion must be monotonic.
Note:
Device configuration straps are latched as a result of nRST assertion. Refer to Section 3.7, "Configuration
Straps" for details. Configuration straps must only be pulled high or low and must not be driven as inputs.
tcss
nRST
Configuration Strap
Pins Input
trstia
tcsh
Configuration Strap
Pins Output Drive
todad
All External
Power Supplies
tpurstd
Vopp
tpurstv
totaa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com