Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79402 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP79402
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402 Datasheet(HTML) 1 Page - Microchip Technology

  MCP79402 Datasheet HTML 1Page - Microchip Technology MCP79402 Datasheet HTML 2Page - Microchip Technology MCP79402 Datasheet HTML 3Page - Microchip Technology MCP79402 Datasheet HTML 4Page - Microchip Technology MCP79402 Datasheet HTML 5Page - Microchip Technology MCP79402 Datasheet HTML 6Page - Microchip Technology MCP79402 Datasheet HTML 7Page - Microchip Technology MCP79402 Datasheet HTML 8Page - Microchip Technology MCP79402 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 1
MCP79400/MCP79401/MCP79402
Device Selection Table
Timekeeping Features
• Real-Time Clock/Calendar (RTCC):
- Hours, Minutes, Seconds, Day of Week, Day,
Month, Year
- Leap year compensated to 2399
- 12/24-hour modes
• Oscillator for 32.768 kHz Crystals:
- Optimized for 6-9 pF crystals
• On-Chip Digital Trimming/Calibration:
- ±1 ppm resolution
- ±129 ppm
• Dual Programmable Alarms
• Versatile Output Pin:
- Clock output with selectable frequency
- Alarm output
- General purpose output
• Power-Fail Time-Stamp:
- Time logged on switchover to and from
Battery mode
Low-Power Features
• Wide Voltage Range:
- Operating voltage range of 1.8V to 5.5V
- Backup voltage range of 1.3V to 5.5V
• Low Typical Timekeeping Current:
- Operating from VCC: 1.2 µA at 3.3V
- Operating from battery backup: 925 nA at
3.0V
• Automatic Switchover to Battery Backup
User Memory
• 64-Byte Battery-Backed SRAM
• 64-Bit Protected EEPROM Area:
- Robust write unlock sequence
-EUI-48™ MAC address (MCP79401)
-EUI-64™ MAC address (MCP79402)
- Custom programming available
Operating Ranges
• 2-Wire Serial Interface, I2C Compatible:
-I2C clock rate up to 400 kHz
• Temperature Range:
- Industrial (I): -40°C to +85°C
Packages
• 8-Lead SOIC, MSOP, TSSOP and 2x3 TDFN
General Description
The MCP7940X Real-Time Clock/Calendar (RTCC)
tracks time using internal counters for hours, minutes,
seconds, days, months, years, and day of week.
Alarms can be configured on all counters up to and
including months. For usage and configuration, the
MCP7940X supports I2C communications up to
400 kHz.
The open-drain, multi-functional output can be
configured to assert on an alarm match, to output a
selectable frequency square wave or as a general
purpose output.
The MCP7940X is designed to operate using a
32.768 kHz tuning fork crystal with external crystal
load capacitors. On-chip digital trimming can be used
to adjust for frequency variance caused by crystal
tolerance and temperature.
SRAM and timekeeping circuitry are powered from the
back-up supply when main power is lost, allowing the
device to maintain accurate time and the SRAM
contents. The times when the device switches over to
the back-up supply and when primary power returns
are both logged by the power-fail time-stamp.
The MCP7940X features 64 bits of EEPROM which is
only writable after an unlock sequence, making it ideal
for storing a unique ID or other critical information. The
MCP79401 and MCP79402 are pre-programmed with
EUI-48 and EUI-64 addresses, respectively. Custom
programming is also available.
Package Types
Part Number
Protected EEPROM
MCP79400
Unprogrammed
MCP79401
EUI-48™
MCP79402
EUI-64™
SOIC, TSSOP, MSOP
X1
X2
VBAT
VSS
1
2
3
4
8
7
6
5
VCC
MFP
SCL
SDA
TDFN
X1
X2
VSS
MFP
SDA
VCC
8
7
5
1
2
4
VBAT 3SCL
6
Battery-Backed I
2C Real-Time Clock/Calendar with
SRAM and Protected EEPROM


Similar Part No. - MCP79402

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP79402 MICROCHIP-MCP79402 Datasheet
574Kb / 38P
I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
MCP79402 MICROCHIP-MCP79402 Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique IDand Battery Switchover
11/29/11
MCP79402 MICROCHIP-MCP79402 Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
11/29/11
More results

Similar Description - MCP79402

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
August 9, 2010
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410 Datasheet
580Kb / 38P
I2C??Real-Time Clock/Calendar with EEPROM, SRAM, Unique ID and Battery Switchover
2011
logo
Intersil Corporation
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com