Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN88730AM-C Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN88730AM-C
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730AM-C Datasheet(HTML) 6 Page - Microchip Technology

Back Button LAN88730AM-C Datasheet HTML 2Page - Microchip Technology LAN88730AM-C Datasheet HTML 3Page - Microchip Technology LAN88730AM-C Datasheet HTML 4Page - Microchip Technology LAN88730AM-C Datasheet HTML 5Page - Microchip Technology LAN88730AM-C Datasheet HTML 6Page - Microchip Technology LAN88730AM-C Datasheet HTML 7Page - Microchip Technology LAN88730AM-C Datasheet HTML 8Page - Microchip Technology LAN88730AM-C Datasheet HTML 9Page - Microchip Technology LAN88730AM-C Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
LAN88730
DS60001256B-page 6
2012-2015 Microchip Technology Inc.
2.0
PIN DESCRIPTION AND CONFIGURATION
The package designators are:
• lll - Lot Tracking Code
• r - Chip Revision Number
• y - Last Digit of Assembly Year
• ww - Assembly Work Week
• ttttttttt - Lot Number (up to 9 characters)
• cc - Country of origin abbreviation (optional: country may alternatively be molded into the plastic)
FIGURE 2-1:
32-VQFN PIN ASSIGNMENTS (TOP VIEW)
Note:
When a lower case “n” is used at the beginning of the signal name, it indicates that the signal is active low.
For example, nRST indicates that the reset signal is active low.
Note:
The buffer type for each signal is indicated in the BUFFER TYPE column. A description of the buffer types
is provided in Section 2.2.
Note: Exposed pad (VSS) on bottom of package must be connected to ground.
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
RXD3/PHYAD2
RXCLK/PHYAD1
VDDCR
XTAL1/CLKIN
XTAL2
LED1
LED2/nINTSEL
VDD2A
TXD2
TXD1
TXD0
TXEN
TXCLK
nRST
nINT/TXER/TXD4
MDC
LAN88730
lllryww
ttttttttt
cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com