Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9118 Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN9118
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9118 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN9118 Datasheet HTML 17Page - Microchip Technology LAN9118 Datasheet HTML 18Page - Microchip Technology LAN9118 Datasheet HTML 19Page - Microchip Technology LAN9118 Datasheet HTML 20Page - Microchip Technology LAN9118 Datasheet HTML 21Page - Microchip Technology LAN9118 Datasheet HTML 22Page - Microchip Technology LAN9118 Datasheet HTML 23Page - Microchip Technology LAN9118 Datasheet HTML 24Page - Microchip Technology LAN9118 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
 2005-2016 Microchip Technology Inc.
DS00002266A-page 21
LAN9118
Then the Function looks in the frame for 16 repetitions of the MAC address without any breaks or interruptions. In case
of a break in the 16 address repetitions, the PMT Function scans for the 48'hFF_FF_FF_FF_FF_FF pattern again in the
incoming frame.
The 16 repetitions may be anywhere in the frame but must be preceded by the synchronization stream. The device will
also accept a multicast frame, as long as it detects the 16 duplications of the MAC address. If the MAC address of a
node is 00h 11h 22h 33h 44h 55h, then the MAC scans for the following data sequence in an Ethernet: Frame.
Destination Address Source Address ……………FF FF FF FF FF FF
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
…CRC
It should be noted that Magic Packet detection can be performed when LAN9118 is in the D0 or D1 power states. In the
D0 state, “Magic Packet” detection is enabled when the MPEN bit is set. In the D1 state, Magic Packet detection, as
well as wake-up frame detection, are automatically enabled when the device enters the D1 state.
3.6
32-bit vs. 16-bit Host Bus Width Operation
The LAN9118 can be configured to communicate with the host bus via either a 32-bit or a 16-bit bus. An external strap
is used to select between the two modes. 32-bit mode is the native environment for the LAN9118 Ethernet controller
and no special requirements exist for communication in this mode. However, when this part is used in the 16-bit mode,
two writes or reads must be performed back to back to properly communicate.
The bus width is set by strapping the EEDIO pin; this setting can be read from bit 2 of the “Hardware Configuration Reg-
ister”. Please refer to Section 5.3.9, "HW_CFG—Hardware Configuration Register," on page 61 for additional informa-
tion on this register.
3.6.1
16-BIT BUS WRITES
The host processor is required to perform two contiguous 16-bit writes to complete a single DWORD transfer. This
DWORD must begin and end on a DWORD address boundary (A[2] and higher, cannot change during a sixteen bit
write). No ordering requirements exist. The processor can access either the low or high word first, as long as the next
write is performed to the other word. If a write to the same word is performed, the LAN9118 disregards the transfer.
3.6.2
16-BIT BUS READS
The host processor is required to perform two consecutive 16-bit reads to complete a single DWORD transfer. This
DWORD must begin and end on a DWORD address boundary (A[2] and higher, cannot change during a sixteen bit
read). No ordering requirements exist. The processor can access either the low or high word first, as long as the next
read is performed from the other word. If a read to the same word is performed, the data read is invalid and should be
re-read. This is not a fatal error. The LAN9118 will reset its read counters and restart a new cycle on the next read. The
Upper 16 data pins (D[31:16]) are not driven by the LAN9118 in 16-bit mode. These pins have internal pull-down’s and
the signals are left in a high-impedance state.
3.7
Big and Little Endian Support
The Microchip LAN9118 supports “Big-” or “Little-Endian” processors in either 16 or 32-bit bus width modes. To support
big-endian processors, the hardware designer must explicitly invert the layout of the byte lanes. In addition, for a 16-bit
interface, the WORD_SWAP—Word Swap Control must be set correctly following Table 3-7, "Byte Lane Mapping".
The host bus interface can be selected via an external strap to translate the data bus into either mode. Please refer to
Table 2-4, “Serial EEPROM Interface Signals,” on page 10, for information on multiplexed signal D32/nD16 for more
information on data bus width selection.
Additionally, please refer to Section 5.3.17, "WORD_SWAP—Word Swap Control," on page 68 for additional informa-
tion on status indication on Endian modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com