Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9115 Datasheet(PDF) 101 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 101 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 97Page - Microchip Technology LAN9115 Datasheet HTML 98Page - Microchip Technology LAN9115 Datasheet HTML 99Page - Microchip Technology LAN9115 Datasheet HTML 100Page - Microchip Technology LAN9115 Datasheet HTML 101Page - Microchip Technology LAN9115 Datasheet HTML 102Page - Microchip Technology LAN9115 Datasheet HTML 103Page - Microchip Technology LAN9115 Datasheet HTML 104Page - Microchip Technology LAN9115 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 101
LAN9115
6.6
PIO Writes
PIO writes are used for all LAN9115 write cycles. PIO writes can be performed using Chip Select (nCS) or Write Enable
(nWR). Either or both of these control signals must go high between cycles for the period specified.
FIGURE 6-6:
PIO WRITE CYCLE TIMING
Note:
The “Data Bus” width is 16 bits.
TABLE 6-6:
PIO WRITE CYCLE TIMING
Symbol
Description
MIN
TYP
MAX
Units
tcycle
Write Cycle Time
165
ns
tcsl
nCS, nWR Assertion Time
32
ns
tcsh
nCS, nWR Deassertion Time
13
ns
tasu
Address Setup to nCS, nWR Assertion
0
ns
tah
Address Hold Time
0
ns
tdsu
Data Setup to nCS, nWR Deassertion
7
ns
tdh
Data Hold Time
0
ns
Note:
A PIO Write cycle begins when both nCS and nWR are asserted. The cycle ends when either or both nCS
and nWR are deasserted. They may be asserted and deasserted in any order.
Data Bus
nCS, nWR
A[7:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com