Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9115 Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 9Page - Microchip Technology LAN9115 Datasheet HTML 10Page - Microchip Technology LAN9115 Datasheet HTML 11Page - Microchip Technology LAN9115 Datasheet HTML 12Page - Microchip Technology LAN9115 Datasheet HTML 13Page - Microchip Technology LAN9115 Datasheet HTML 14Page - Microchip Technology LAN9115 Datasheet HTML 15Page - Microchip Technology LAN9115 Datasheet HTML 16Page - Microchip Technology LAN9115 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 13
LAN9115
Note 2-1
Please refer to the Microchip application note AN 12.5 titled “Designing with the LAN9118 - Getting
Started”. It is also important to note that this application note applies to the whole Microchip LAN9118
family of Ethernet controllers. However, subtle differences may apply.
1,66
Core Ground
GND_CORE
P
2
Ground for internal digital logic
7
PLL Power
VDD_PLL
P
1
1.8V Power from the internal PLL
regulator. This external pin must be
connected to a 10uF 0.1-Ohm ESR
capacitor, in parallel with a 0.01uF
capacitor to Ground. This pin must not
be used to supply power to other
external devices. See Note 2-1
4
PLL Ground
VSS_PLL
P
1
GND for the PLL
8
Reference Power
VDD_REF
P
1
Connected to 3.3v power and used as
the reference voltage for the internal
PLL
11
Reference Ground
VSS_REF
P
1
Ground for internal PLL reference
voltage
TABLE 2-6:
MII INTERFACE SIGNALS
Pin No.
Name
Symbol
Buffer
Type
# Pins
Description
40
Transmit Clock:
TX_CLK
I (PD)
1
Transmit Clock: 25MHz in 100Base-
TX mode. 2.5MHz in 10Base-T mode.
36, 37,
38, 39
Transmit Data [3:0]
TXD[3:0]
O8 (PD)
4
Transmit Data 3-0: Data bits that are
accepted by the PHY for transmission.
When the internal PHY is selected,
these signals are driven low (0).
21
Transmit Enable
TX_EN
O8 (PD)
1
Transmit Enable: Indicates that valid
data is presented on the TXD[3:0]
signals, for transmission.
When the internal PHY is selected, this
signal is driven low (0).
26
Receive Clock
RX_CLK
I (PD)
1
Receive Clock: 25MHz in 100Base-TX
mode. 2.5MHz in 10Base-T mode.
25
Receive Error
RX_ER
I (PD)
1
Receive Error: Asserted by the PHY
to indicate that an error was detected
somewhere in the frame presently
being transferred from the PHY.
33
Collision Detect:
COL/
I (PD)
1
MII Collision Detect: Asserted by the
PHY to indicate detection of collision
condition.
24, 23,
22, 75
Receive Data[3:0]
RXD[3:0]
I (PD)
1
Receive Data 3-0: Data bits that are
sent from the PHY to the Ethernet
MAC.
32
Carrier Sense
CRS
I (PD)
1
Carrier Sense: Indicates detection of
carrier.
29
Receive Data Valid:
RX_DV
I (PD)
1
Receive Data Valid: Indicates that
recovered and decoded data nibbles
are being presented by the PHY on
RXD[3:0].
TABLE 2-5:
SYSTEM AND POWER SIGNALS (CONTINUED)
Pin No.
Name
Symbol
Buffer
Type
# Pins
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com