Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3351 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3351
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3351 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3351 Datasheet HTML 1Page - National Semiconductor (TI) LM3351 Datasheet HTML 2Page - National Semiconductor (TI) LM3351 Datasheet HTML 3Page - National Semiconductor (TI) LM3351 Datasheet HTML 4Page - National Semiconductor (TI) LM3351 Datasheet HTML 5Page - National Semiconductor (TI) LM3351 Datasheet HTML 6Page - National Semiconductor (TI) LM3351 Datasheet HTML 7Page - National Semiconductor (TI) LM3351 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Input Voltage, Step-Down
5.5V
Maximum Input Voltage, Step-Up
3.65V
Power Dissipation (P
D)(TA=25˚C,
(Note 2))
500 mW
θ
ja (Note 2)
250˚C/W
Tj Max (Note 2)
150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 10
secs)
260˚C
ESD Susceptibility (Note 3)
2kV
Not short circuit protected.
Operating Conditions (Note 1)
Ambient Temperature Range
−40˚C to + 85˚C
Electrical Characteristics
3/2 Step-Up Voltage Converter
Specifications in standard type face are for T
j = 25˚C, and those with boldface type apply over full operating temperature
range. Unless otherwise specified, V
in = 3.3V, VEnable = 3.3V, Iload = 50 mA, C1,C2,Cin and Cout = 1 µF.
Symbol
Parameter
Conditions
Typ (Note 4)
Limits (Note 5)
Units
V
outNL
Output Voltage at
No Load
I
load = 0 A
5.0
V
V
outFL
Output Voltage at
50 mA
I
load =50mA
4.7
V
V
in
Input Supply
Voltage Range
3.3
V
2.5
V(Min)
3.65
V(Max)
I
Q1
Quiescent Current
Shutdown Mode, V
Enable = 0V,
I
load=0 A; Current into pin Vlow
0.025
µA
3
µA(Max)
I
Q2
Quiescent Current
Normal Mode, I
Ioad = 0A; Current into
pin V
Iow
1.1
mA
1.5
mA(Max)
Z
out
Output Source
Impedance
I
load =50mA
4.2
Ω
6.25
Ω (Max)
f
SW
Switching
Frequency
(Note 6)
200
kHz
125
kHz(Min)
275
kHz(Max)
V
Enable
Enable Threshold
Voltage
1.7
V
1.0
V(Min)
2.5
V(Max)
I
Enable
Leakage Current
Current into ENABLE pin; ENABLE =
5V and all other pins at ground
0.025
µA
1
µA(Max)
Pη
Power Efficiency
95
%
Electrical Characteristics
2/3 Step-Down Voltage Converter
Specifications in standard type face are for T
j = 25˚C, and those with boldface type apply over full operating temperature
range. Unless otherwise specified, V
high = 5V, VEnable = 5V, Iload = 50 mA, C1,C2,Cin and Cout = 1 µF.
Symbol
Parameter
Conditions
Typ (Note 4)
Limits (Note 5)
Units
V
outNL
Output Voltage at
No Load
I
load = 0 A
3.3
V
V
outFL
Output Voltage at
50 mA
I
load =50 mA
3.2
V
V
in
Input Supply
Voltage Range
5V
2.2
V(Min)
5.5
V(Max)
I
Q1
Quiescent Current
Shutdown Mode, V
Enable = 0V,
I
load=0 A; Current into pin Vhigh
0.25
µA
3
µA(Max)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com