Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8740 Datasheet(PDF) 40 Page - Microchip Technology

Part # LAN8740
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740 Datasheet(HTML) 40 Page - Microchip Technology

Back Button LAN8740 Datasheet HTML 36Page - Microchip Technology LAN8740 Datasheet HTML 37Page - Microchip Technology LAN8740 Datasheet HTML 38Page - Microchip Technology LAN8740 Datasheet HTML 39Page - Microchip Technology LAN8740 Datasheet HTML 40Page - Microchip Technology LAN8740 Datasheet HTML 41Page - Microchip Technology LAN8740 Datasheet HTML 42Page - Microchip Technology LAN8740 Datasheet HTML 43Page - Microchip Technology LAN8740 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 40
2013-2015 Microchip Technology Inc.
When in EDPD mode, the device’s NLP characteristics may be modified. The device can be configured to transmit NLPs
in EDPD via the EDPD TX NLP Enable bit of the EDPD NLP/Crossover Time/EEE Configuration Register. When
enabled, the TX NLP time interval is configurable via the EDPD TX NLP Interval Timer Select field of the EDPD
NLP/Crossover Time/EEE Configuration Register. When in EDPD mode, the device can also be configured to wake on
the reception of one or two NLPs. Setting the EDPD RX Single NLP Wake Enable bit of the EDPD NLP/Crossover
Time/EEE Configuration Register will enable the device to wake on reception of a single NLP. If the EDPD RX Single
NLP Wake Enable bit is cleared, the maximum interval for detecting reception of two NLPs to wake from EDPD is con-
figurable via the EDPD RX NLP Max Interval Detect Select field of the EDPD NLP/Crossover Time/EEE Configuration
Register.
3.8.4
WAKE ON LAN (WOL)
The device supports PHY layer WoL event detection of Perfect DA, Broadcast, Magic Packet, and Wakeup frames. The
WoL detection can be configured to assert the nINT interrupt pin or nPME pin, providing a mechanism for a system in
sleep mode to return to an operational state when a WoL event occurs. This feature is particularly useful in addressing
unnecessary waking of the main SoC in designs where the Ethernet MAC is integrated into the SoC.
Each type of supported wake event (Perfect DA, Broadcast, Magic Packet, or Wakeup frames) may be individually
enabled via Perfect DA Wakeup Enable (PFDA_EN), Broadcast Wakeup Enable (BCST_EN), Magic Packet Enable
(MPEN), and Wakeup Frame Enable (WUEN) bits of the Wakeup Control and Status Register (WUCSR), respectively.
Two methods are provided for indicating a WoL event to an external device: nINT and nPME.
The nINT pin may be used to indicate WoL interrupt events by setting bit 8 (WoL) of the Interrupt Mask Register. Once
enabled, any received packet that matches the condition(s) configured in the Wakeup Control and Status Register
(WUCSR) will assert nINT until the interrupt is cleared. When using nINT to indicate a WoL interrupt, the pin may be
shared with other non-WoL interrupt events, as configured via the Interrupt Mask Register. While waiting for a WoL
event to occur, it is possible that other interrupts may be triggered. To prevent such conditions, all other interrupts shall
be masked by system software, or the alternative nPME pin may be used. Refer to Section 3.6, "Interrupt Management"
for additional nINT information.
Alternatively, the nPME pin may be used to independently indicate WoL interrupt events. The nPME signal can be con-
figured to output on any of the following pins:
• LED1/nINT/nPME/nREGOFF
• LED2/nINT/nPME/nINTSEL
• RXD2/nPME/RMIISEL (Refer to Section 3.7.5, "nINTSEL: nINT/TXER/TXD4 Configuration" for configuration infor-
mation)
The LED1/nINT/nPME/nREGOFF or LED2/nINT/nPME/nINTSEL pin can be configured to function as nPME by config-
uring the LED1 Function Select or LED2 Function Select bits of the Wakeup Control and Status Register (WUCSR) to
10b, respectively. The RXD2/nPME/RMIISEL pin can be configured to function as nPME by setting the RXD2/RMIISEL
Function Select bit of the Wakeup Control and Status Register (WUCSR). The RXD2/nPME/RMIISEL pin can only be
used as nPME when in RMII mode. Once the nPME pin is enabled, any received packet that matches the condition(s)
configured in the Wakeup Control and Status Register (WUCSR) will assert nPME until WUCSR bits 7:4 are cleared by
the system software. However, in some applications it may be desirable for nPME to self clear. When the nPME Self
Clear bit of the Wakeup Control and Status Register (WUCSR) is set, the nPME pin will clear after the time configured
in the Miscellaneous Configuration Register (MCFGR).
Upon a WoL event, further resolution on the source of the event can be obtained by examining the Perfect DA Frame
Received (PFDA_FR), Broadcast Frame Received (BCAST_FR), Magic Packet Received (MPR), and Remote Wakeup
Frame Received (WUFR) status bits in the Wakeup Control and Status Register (WUCSR).
The Wakeup Control and Status Register (WUCSR) also provides a WoL Configured bit, which may be set by software
after all WoL registers are configured. Because all WoL related registers are not affected by software resets, software
can poll the WoL Configured bit to ensure all WoL registers are fully configured. This allows the software to skip repro-
gramming of the WoL registers after reboot due to a WoL event.
The following subsections detail each type of WoL event. For additional information on the main system interrupts, refer
to Section 3.6, "Interrupt Management".
Note:
Due to the multiplexing of nINT and TXER on the same pin, when EEE and WoL are both enabled, nINT
and/or nPME must be multiplexed on LED1 and/or LED2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com