Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8740 Datasheet(PDF) 102 Page - Microchip Technology

Part # LAN8740
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740 Datasheet(HTML) 102 Page - Microchip Technology

Back Button LAN8740 Datasheet HTML 98Page - Microchip Technology LAN8740 Datasheet HTML 99Page - Microchip Technology LAN8740 Datasheet HTML 100Page - Microchip Technology LAN8740 Datasheet HTML 101Page - Microchip Technology LAN8740 Datasheet HTML 102Page - Microchip Technology LAN8740 Datasheet HTML 103Page - Microchip Technology LAN8740 Datasheet HTML 104Page - Microchip Technology LAN8740 Datasheet HTML 105Page - Microchip Technology LAN8740 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 102
2013-2015 Microchip Technology Inc.
4.3.17
EEE ADVERTISEMENT REGISTER
Note 1: This bit is read/write (R/W). However, the user must not set this bit if EEE is disabled.
2: The default value of this field is determined by the value of the PHY Energy Efficient Ethernet Enable (PHY-
EEEEN) of the EDPD NLP/Crossover Time/EEE Configuration Register on page 71. If PHY Energy Efficient
Ethernet Enable (PHYEEEEN) is 0b, this field is 0b and 100BASE-TX EEE capability is not advertised. If
PHY Energy Efficient Ethernet Enable (PHYEEEEN) is 1b, then this field is 1b and 100BASE-TX EEE capa-
bility is advertised.
Index (In Decimal):
7.60
Size:
16 bits
Bits
Description
Type
Default
15:2
RESERVED
RO
-
1
100BASE-TX EEE
0 = Do not advertise EEE capability for 100BASE-TX.
1 = Advertise EEE capability for 100BASE-TX.
(see Note 1)(see Note 2)
0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com