Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9912 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV9912
Description  Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9912 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV9912 Datasheet HTML 5Page - Microchip Technology HV9912 Datasheet HTML 6Page - Microchip Technology HV9912 Datasheet HTML 7Page - Microchip Technology HV9912 Datasheet HTML 8Page - Microchip Technology HV9912 Datasheet HTML 9Page - Microchip Technology HV9912 Datasheet HTML 10Page - Microchip Technology HV9912 Datasheet HTML 11Page - Microchip Technology HV9912 Datasheet HTML 12Page - Microchip Technology HV9912 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005583A-page 9
HV9912
voltage is between the start and stop voltages.
Therefore, it is recommended that the input voltage be
kept higher than VINSTOP.
3.4
Reference
HV9912 includes a 2% accurate 1.25V reference,
which can be used as the reference for the output
current as well as to set the switch current limit. The
reference is buffered so that it can deliver a maximum
of 500 µA external current to drive the external circuitry.
The reference should be bypassed with at least a 10 nF
low-ESR capacitor.
Note:
To avoid abnormal Startup conditions, the
bypass capacitor at the REF pin should
not exceed 0.1 µF.
3.5
Oscillator
Connecting the resistor between RT and GND will
program the time period.
In both cases, resistor RT sets the current, which
charges an internal oscillator capacitor. The capacitor
voltage ramps up linearly. When the voltage increases
beyond the internal set voltage, a comparator triggers
the set input of the internal SR flip-flop. This starts the
next switching cycle. The time period of the oscillator
can be computed as shown in Equation 3-4.
EQUATION 3-4:
TS RT 18pF
3.6
Synchronization
The SYNC pin is an input/output (I/O) port to a
fault-tolerant
peer-to-peer
and/or
master
clock
synchronization circuit. For synchronization, the SYNC
pins of multiple HV9912-based converters can be
connected together and may also be connected to the
open drain output of a master clock. When connected
in this manner, the oscillators will lock to the device with
the highest operating frequency. When synchronizing
multiple ICs, it is recommended that the same timing
resistor (corresponding to the switching frequency) be
used in all the HV9912 circuits.
On rare occasions, given the length of the connecting
lines for the SYNC pins, a resistor between SYNC and
GND may be required to damp any ringing due to
parasitic capacitances. It is recommended that the
resistor chosen be greater than 300 kΩ.
When synchronized in this manner, a permanent High
or Low condition on the SYNC pin will result in a loss of
synchronization, but the HV9912-based converters will
continue to operate at their individually set operating
frequencies. Since loss of synchronization will not
result in total system failure, the SYNC pin is
considered fault tolerant.
3.7
Slope Compensation
For Continuous Conduction mode converters operating
in the Constant Frequency mode, slope compensation
becomes necessary to ensure stability of the Peak
Current mode controller if the operating duty cycle is
greater than 50%. Choosing a slope compensation
which is one half of the down slope of the inductor
current ensures that the converter will be stable for all
duty cycles.
Slope compensation can be programmed by two
resistors RSLOPE and RSC. Assuming a down slope of
DS (A/µs) for the inductor current, the slope
compensation resistors can be computed as illustrated
in Equation 3-5.
EQUATION 3-5:
RSC
RSLOPE DS 10
6
TS RCS
10
--------------------------------------------------------------------------
=
Where RCS is the current sense resistor which
senses the switching FET current
Note:
The maximum current that can be sourced
out of the SC pin is 100 µA. This limits the
minimum value of the RSLOPE resistor to
25 kΩ. If the equation for slope
compensation produces a RSLOPE less
than this value, then RSC would have to be
reduced accordingly. It is recommended
that RSLOPE be chosen within the range of
25 kΩ to 50 kΩ.
3.8
Current Sense
The current sense input of the HV9912 includes a
built-in 100 ns (minimum) blanking time to prevent
spurious turn-off due to the initial current spike when
the FET turns on.
The HV9912 includes two high-speed comparators—
one is used during normal operation and the other is
used to limit the maximum input current during Input
Undervoltage or Overload conditions.
The IC includes an internal resistor divider network,
which steps down the voltage at the COMP pin by a
factor of 15. This stepped-down voltage is given to one
of the comparators as the current reference. The
reference to the other comparator, which acts to limit
the maximum inductor current, is given externally.
It is recommended that the sense resistor RCS be
chosen so as to provide about 250 mV current sense
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com