Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2X080A080 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBR2X080A080
Description  Electrically Isolated Base Plate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR2X080A080 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR2X080A080 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR2X080A080 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR2X080A080 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 80 V
Module Type 160 A
IF(AV) = 160 A
Features
• High Surge Capability
• Type 80 V VRRM
• Isolation Type Package
SOT-227 Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
Symbol
Value
Unit
Maximum recurrent peak reverse voltage
VRRM
80
V
Maximum DC blocking voltage
VDC
80
V
Conditions
MBR2X080A080
Maximum ratings
Schottky Rectifier
Maximum DC blocking voltage
VDC
80
V
Maximum RMS Voltage
VRMS
56
V
Operating temperature
Tj
-40 to 150
°C
Storage temperature
Tstg
-40 to 150
°C
Parameter
Symbol
Value
Unit
Average forward current
(per pkg)
IF(AV)
160
A
Peak forward surge current
(per leg)
IFSM
900
A
0.84
V
0.73
V
1mA
10
mA
30
mA
Isolation voltage
ViSO
2500
V
Thermal characteristics
* Pulse Test: Pulse width 300 µs, Duty < 2 %
Electrical characteristics at 25 °C, unless otherwise specified
Conditions
Tj = 25 °C
8.3 ms, half sine
TC = 110 °C
Maximum thermal resistance junction to case
(per leg)
R
Θjc
°C/W
Tj = 150 °C
0.60
IFM = 80 A, Tj = 125 °C
Maximum instantaneous reverse current at
rated DC blocking voltage (per leg)
IR
Maximum instantaneous forward voltage*
(per leg)
IFM = 80 A, Tj = 25 °C
VF
Tj = 100 °C
A.C. 1 minute
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBR2X080A080

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X080A080 GENESIC-MBR2X080A080 Datasheet
652Kb / 3P
Schottky Rectifier Module
MBR2X080A080 GENESIC-MBR2X080A080_18 Datasheet
652Kb / 3P
Schottky Rectifier Module
More results

Similar Description - MBR2X080A080

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X060A150 GENESIC-MBR2X060A150 Datasheet
395Kb / 3P
Electrically Isolated Base Plate
MBR2X060A180 GENESIC-MBR2X060A180 Datasheet
323Kb / 3P
Electrically Isolated Base Plate
MBR2X080A100 GENESIC-MBR2X080A100 Datasheet
326Kb / 3P
Electrically Isolated Base Plate
MBR2X080A120 GENESIC-MBR2X080A120 Datasheet
400Kb / 3P
Electrically Isolated Base Plate
MBR2X080A150 GENESIC-MBR2X080A150 Datasheet
323Kb / 3P
Electrically Isolated Base Plate
MBR2X100A045 GENESIC-MBR2X100A045 Datasheet
340Kb / 3P
Electrically Isolated Base Plate
MBR2X120A180 GENESIC-MBR2X120A180 Datasheet
314Kb / 3P
Electrically Isolated Base Plate
logo
Vishay Siliconix
VS-T40HF VISHAY-VS-T40HF Datasheet
268Kb / 11P
Electrically isolated base plate
20-Dec-16
VS-VSK.250PBF VISHAY-VS-VSK.250PBF Datasheet
333Kb / 13P
Electrically isolated base plate
28-May-14
VS-VSKS500 VISHAY-VS-VSKS500 Datasheet
157Kb / 8P
Electrically isolated base plate
19-Dec-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com