Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3351MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3351MM
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3351MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3351MM Datasheet HTML 1Page - National Semiconductor (TI) LM3351MM Datasheet HTML 2Page - National Semiconductor (TI) LM3351MM Datasheet HTML 3Page - National Semiconductor (TI) LM3351MM Datasheet HTML 4Page - National Semiconductor (TI) LM3351MM Datasheet HTML 5Page - National Semiconductor (TI) LM3351MM Datasheet HTML 6Page - National Semiconductor (TI) LM3351MM Datasheet HTML 7Page - National Semiconductor (TI) LM3351MM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM3351
Switched Capacitor Voltage Converter
General Description
The LM3351 is a CMOS charge-pump voltage converter
which efficiently provides a 3.3V to 5V step-up, or 5V to 3.3V
step-down. The LM3351 is pin for pin compatible with the
LM3350 but consumes 66% less quiescent current. The
LM3351 uses four small, low cost capacitors to provide the
voltage conversion. It eliminates the cost, size and radiated
EMI related to inductor based circuits, or the power loss of a
linear regulator. Operating power conversion efficiency
greater than 90% provides ideal performance for battery
powered portable systems.
The architecture provides a fixed voltage conversion ratio of
3/2 or 2/3. Thus it can be used for other DC-DC conversions
as well.
Key Specifications
n 200 kHz switch frequency allows use of very small,
inexpensive capacitors.
n 4.2
Ω typical step-up output impedance
n 1.8
Ω typical step-down output impedance
n 95% typical power conversion efficiency at 50 mA
n 250 nA typical shutdown current
n Low quiescent current extends battary life
Features
n Conversion of 3.3V to 5V, or 5V to 3.3V
n Small Mini SO-8 package
n No inductor required
Applications
n Any mixed 5V and 3.3V system
n Laptop computers and PDAs
n Handheld instrumentation
n PCMCIA cards
Ordering Information
Order Number
Package Type
NSC Package
Drawing
Package
Marking
Supplied As
LM3351MMX
Mini SO-8
MUA08A
S05A
3500 Units on Tape and Reel
LM3351MM
Mini SO-8
MUA08A
S05A
1000 Units on Tape and Reel
Basic Operating Circuits
Connection Diagram
Step-Up Converter
DS100146-1
Step-Down Converter
DS100146-2
Mini SO8 Package
DS100146-3
Top View
December 1999
© 1999 National Semiconductor Corporation
DS100146
www.national.com


Similar Part No. - LM3351MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM335 NSC-LM335 Datasheet
291Kb / 14P
Precision Temperature Sensors
logo
STMicroelectronics
LM335 STMICROELECTRONICS-LM335 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
LM335 STMICROELECTRONICS-LM335 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
National Semiconductor ...
LM335 NSC-LM335 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM335 TI-LM335 Datasheet
1Mb / 28P
LMx35, LMx35A Precision Temperature Sensors
More results

Similar Description - LM3351MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com