Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90290 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90290
Description  High Speed Programmed Linear Hall IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90290 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90290 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MLX90290
High Speed Programmed Linear Hall IC
2.75 BSC
1.60 BSC
0.88
+0.02
- 0.03
1.00 MAX
0.075
+0.025
- 0.050
SEATING PLANE
0.575 REF.
0.40
+/-0.10
0.50 BSC
WITH PLATING
~
BASE METAL
SECTION B-B’
B
B’
Notes:
1. All dimensions are in millimeters
2. Outermost plastic extreme width does not include mold flash or
protrusions. Mold flash and protrusions shall not exceed
0.15mm per side.
3. Outermost plastic extreme length does not include mold flash
or protrusions. Mold flash and protrusions shall not exceed
0.25mm per side.
4. The lead width dimension does not include dambar protrusion.
Allowable dambar protrusion shall be 0.07mm total in excess
of the lead width dimension at maximum material condition.
5. Dimension is the length of terminal for soldering to a substrate.
6. Dimension on SECTION B-B’ applies to the flat section of the
lead between 0.08mm and 0.15mm from the lead tip.
7. Formed lead shall be planar with respect to one another with
0.076mm at seating plane.
Marking:
Top marking :
Bottom marking:
see note 2
see note 5
12° REF.
TYP.
0.35
+0.05
- 0.10
0.30
0.45
0.10 R.
MIN.
4°
+/-4
0.10 R.
MIN.
see note 6
SEATING PLANE
TOP VIEW
END VIEW
SIDE VIEW
Hall plate location
Remarks:
1. All dimensions are in millimeters
TOP VIEW
END VIEW
Package line
0.275 TYP
1.45
+/-0.12
Pin 1
XXX - last three digits of the lot
Date code - WW - calender week
Date code - YY - calender year
Pin 1
3901090290
Page 13 of 14
Data Sheet
Rev 001
October 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com