Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDFOG201BK12 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDFOG201BK12
Description  LED fog light with integrated control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDFOG201BK12 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDFOG201BK12 Datasheet HTML 1Page - OSRAM GmbH LEDFOG201BK12 Datasheet HTML 2Page - OSRAM GmbH LEDFOG201BK12 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 3 year guarantee
_ High-quality LED technology
_ Lens resistant against gravel impact according to ASTM D256 and ISO 179
_ Easy installation
_ Low energy consumption
Product features
_ LED fog light with integrated control
_ Color temperature: up to 6,000 K
_ Long lifetime: up to 5,000 h
_ Certified according to ECE, SAE regulations
_ Type of protection: IP67K
Product datasheet
LEDFOG201
LEDriving F1 | – LED fog lights
Areas of application
_ Suitable replacement for almost all modern fog lights
_ Fog light
__
December 12, 2016, 09:21:30
© 2016, OSRAM GmbH. All rights reserved.
LEDFOG201
Page 1 of 3


Similar Part No. - LEDFOG201BK12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103N OSRAM-LEDFOG103N Datasheet
112Kb / 3P
Additional mounting for LEDriving FOG PL and LEDriving F1
More results

Similar Description - LEDFOG201BK12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
LED fog light with daytime running light functionality
logo
WORLDSEMI CO., LIMITED
WS2812B-2020 WORLDSEMI-WS2812B-2020 Datasheet
674Kb / 9P
Intelligent control LED integrated light source
WS2812B-V4 WORLDSEMI-WS2812B-V4 Datasheet
655Kb / 8P
Intelligent control LED integrated light source
WS2812S WORLDSEMI-WS2812S Datasheet
827Kb / 8P
Intelligent control LED integrated light source
WS2813 WORLDSEMI-WS2813 Datasheet
765Kb / 8P
Intelligent control LED integrated light source
WS2813B-MINI WORLDSEMI-WS2813B-MINI Datasheet
518Kb / 7P
Intelligent control LED integrated light source
WS2812B WORLDSEMI-WS2812B Datasheet
352Kb / 5P
Intelligent control LED integrated light source
logo
List of Unclassifed Man...
WS2813C ETC-WS2813C Datasheet
687Kb / 9P
Intelligent control LED integrated light source
V1.4 20180719
logo
WORLDSEMI CO., LIMITED
WS2815 WORLDSEMI-WS2815 Datasheet
611Kb / 8P
Intelligent control LED integrated light source
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com