Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIL301EU-PLUG Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDIL301EU-PLUG
Description  Equipped with 215 high-quality, long-lasting LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDIL301EU-PLUG Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDIL301EU-PLUG Datasheet HTML 1Page - OSRAM GmbH LEDIL301EU-PLUG Datasheet HTML 2Page - OSRAM GmbH LEDIL301EU-PLUG Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899009592
LEDIL301 EU-Plug
Blister
1
180 mm x 50 mm x
307 mm
2.76 dm³
575.00 g
4052899009608
LEDIL301 EU-Plug
Shipping carton box
10
398 mm x 310 mm x
335 mm
41.33 dm³
6428.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 10:03:58
© 2016, OSRAM GmbH. All rights reserved.
LEDIL301 EU-Plug
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com