Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDINSPECTPROBONNET1400 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDINSPECTPROBONNET1400
Description  High-quality aluminum housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTPROBONNET1400 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDINSPECTPROBONNET1400 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTPROBONNET1400 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTPROBONNET1400 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 3 year guarantee
_ LED bonnet luminaire with ultra-thin and robust design
_ Excellent illumination thanks to long-lasting high intensity LEDs
_ Easy to grip and dirt resistant surface
_ Free-handed usage thanks to rotatable hook and extendable telescopic holder
_ Extendable telescopic holder (1.15…1.8 m) fits any common size car bonnet
Product features
_ High-quality aluminum housing
_ Wattage: 13…15 W
_ Voltage: 90…250 V
_ Type of protection: IP65
_ Equipped with 168 high-quality, long-lasting LEDs
_ Color temperature: up to 6,000 K
_ Intense white light
_ Luminous flux: up to 1,400 lm
_ Suspendable via 360° rotatable hook
_ Extendable holder (also usable without holder)
_ Power supply via 5 m cable
Product datasheet
INSPECTION LAMP
LEDinspect PRO BONNET 1400 | Inspection lamps
Areas of application
_ Inspection and maintenance of vehicles
__
December 12, 2016, 09:55:43
© 2016, OSRAM GmbH. All rights reserved.
INSPECTION LAMP
Page 1 of 3


Similar Part No. - LEDINSPECTPROBONNET1400

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDINSPECTPROFESSIONAL150 OSRAM-LEDINSPECTPROFESSIONAL150 Datasheet
117Kb / 4P
Charging indicator
LEDINSPECTPROPENLIGHT150 OSRAM-LEDINSPECTPROPENLIGHT150 Datasheet
144Kb / 3P
Rechargeable 800 mAh Li-polymer battery
LEDINSPECTPROPOCKET280 OSRAM-LEDINSPECTPROPOCKET280 Datasheet
146Kb / 3P
Charging indicator and battery status display
More results

Similar Description - LEDINSPECTPROBONNET1400

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC5020 SAMSUNG-KSC5020 Datasheet
203Kb / 6P
NPN (HIGH VOLTAGE, HIGH QUALITY)
logo
Fairchild Semiconductor
KSC5020 FAIRCHILD-KSC5020 Datasheet
55Kb / 5P
High Voltage, High Quality
logo
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
Consistent High Quality
logo
PARA LIGHT ELECTRONICS ...
CS30C-P1C28-CC000 PARALIGHT-CS30C-P1C28-CC000 Datasheet
555Kb / 12P
Uniform high quality illumination
logo
XFMRS Inc.
2003 XFMRS-2003 Datasheet
28Kb / 2P
HIGH QUALITY NETWORKING TRANSFORMERS
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
HIGH QUALITY STEREO
logo
TOCOSAMERICA, INC.
RPA TOCOS-RPA Datasheet
454Kb / 1P
High Quality POTENTIOMETERS
logo
PHOENIX CONTACT
0831521 PHOENIX-0831521 Datasheet
53Kb / 2P
High-quality appearance
logo
Sony Corporation
IMX377CQT SONY-IMX377CQT Datasheet
359Kb / 4P
High image quality
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
High image quality
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com