Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDINSPECTPROFESSIONAL150 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LEDINSPECTPROFESSIONAL150
Description  Charging indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTPROFESSIONAL150 Datasheet(HTML) 4 Page - OSRAM GmbH

  LEDINSPECTPROFESSIONAL150 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTPROFESSIONAL150 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTPROFESSIONAL150 Datasheet HTML 3Page - OSRAM GmbH LEDINSPECTPROFESSIONAL150 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Equipment / Accessories
_ Charging cable included
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899425019
INSPECTION LAMP
Blister
1
- x - x -
4052899425026
INSPECTION LAMP
Shipping carton box
4
200 mm x 195 mm x
355 mm
13.85 dm³
1743.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 10:04:22
© 2016, OSRAM GmbH. All rights reserved.
INSPECTION LAMP
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com