Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDINT201 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDINT201
Description  RGB version with 16 selectable color options
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINT201 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDINT201 Datasheet HTML 1Page - OSRAM GmbH LEDINT201 Datasheet HTML 2Page - OSRAM GmbH LEDINT201 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Equipment / Accessories
_ Two self-adhesive LED strips with a length of 30.5 cm each included
_ Two cables with a length of 7.6 cm each included
_ Two-way splitter included
_ Car adapter (12 V) for the cigarette lighter included
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899248809
BASE KIT
Folding carton box
1
179 mm x 64 mm x
175 mm
2.00 dm³
376.00 g
4052899248816
BASE KIT
Shipping carton box
2
134 mm x 187 mm x
190 mm
4.76 dm³
930.00 g
4052899933576
BASE KIT
Folding carton box
1
179 mm x 64 mm x
175 mm
2.00 dm³
379.00 g
4052899933583
BASE KIT
Shipping carton box
2
134 mm x 187 mm x
190 mm
4.76 dm³
899.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 13, 2016, 03:35:04
© 2016, OSRAM GmbH. All rights reserved.
BASE KIT
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com