Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRIVINGFOGT Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDRIVINGFOGT
Description  Additional mounting for LEDriving FOG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDRIVINGFOGT Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDRIVINGFOGT Datasheet HTML 1Page - OSRAM GmbH LEDRIVINGFOGT Datasheet HTML 2Page - OSRAM GmbH LEDRIVINGFOGT Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899094550
LED FOG Toyota
Folding carton box
1
150 mm x 145 mm x
130 mm
2.83 dm³
384.00 g
4052899094567
LED FOG Toyota
Shipping carton box
4
314 mm x 282 mm x
180 mm
15.94 dm³
1902.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 09:21:23
© 2016, OSRAM GmbH. All rights reserved.
LED FOG Toyota
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com