Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1996705-3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1996705-3
Description  SMPM Floating Panel Mount, Cable Jacks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1996705-3 Datasheet(HTML) 2 Page - Tyco Electronics

  1996705-3 Datasheet HTML 1Page - Tyco Electronics 1996705-3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
408- 10373
SMPM Floating Panel Mount, Cable Jacks (Direct Solder Attachment) 1996390- 1, 1996771- 1
Rev B
2
of 2
Tyco Electronics Corporation
2. Insert compression spring in module mounting
hole and over connector body from the module
mating face.
3. Place retaining washer into insertion tool
2101595--1 aligning the flats on the tool with the
external flats on the washer.
4. Align the internal retaining washer flats with the
external flats on the connector body using the
alignment slots on the connector flange and on the
insertion tool. See Figure 5.
5. Insert the retaining washer into the module, over
the connector body compressing the spring until
the insertion tool bottoms on the module mating
face.
6. Lock the retaining washer into position by
rotating the insertion tool 90 while applying light
pressure on the tool. (The tool will spring back
about 0.51 mm [.020 in.] from the module face
when washer is in proper position. A correct
installation of the retaining washer will result in a
dimension of 3.22 mm [.127 in.] from front of
module. See Figure 6.
Safety glasses should be worn when installing
the retaining washer since they are spring--loaded
and could potentially fly out of the module. This
action could inflict eye injury to personnel if the
retaining washer is not properly seated during
installation.
5. REPLACEMENT AND REPAIR
The cable plug is not repairable. DO NOT use any
defective or damaged cable plugs.
6. REVISION SUMMARY
S
Updated document to corporate requirements
S
Changed “Retaining Ring” to Retaining
Washer” in all instances
S
Added text to Paragraphs 4.1, 4.2, and 4.5
S
Added new Figure 6
Figure 5
Cable
Connector
Flange
Module Mating Face
Compression Spring
Retaining Washer
Insertion Tool
Alignment Slot
Alignment Slot
Figure 6
3.23 [.127] Correct
Washer Installation
3.86 [.152] Wrong
Washer Installation
0.64 [.025] Height Delta
CAUTION
!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com