Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDINSPECTSLIMLINE250 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDINSPECTSLIMLINE250
Description  Charging indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTSLIMLINE250 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDINSPECTSLIMLINE250 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTSLIMLINE250 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTSLIMLINE250 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 2 year guarantee
_ Rechargeable LED inspection luminaire with ultra-thin, high-quality design
_ Excellent illumination thanks to long-lasting high intensity LEDs
_ Easy to grip and dirt resistant surface
_ No batteries needed
_ Keeps your hands free thanks to magnets on the back side
_ Easy charging via USB port and AC connection
_ Robust and impact-resistant housing
Product features
_ Charging indicator
_ Voltage: 3.7 V
_ Wattage: 3 W
_ Type of protection: IP44
_ Impact resistance: IK07
_ Rechargeable 3.7 V 2,600 mAh Li-ion battery
_ Equipped with 5 high-quality, long-lasting LEDs (0.5 W SMD)
_ Available with color temperature: 6,500 K, 7,500 K
_ Luminous flux: up to 250 lm (main light), up to 30 lm (torch light)
_ Intense white light
_ Operation time of battery: 2…3 h (main light), up to 15 h (torch light)
_ Charge time of battery: 3…4 h (main light, torch light)
Product datasheet
INSPECTION LAMP
LEDinspect SLIMLINE 250 | Inspection lamps
Areas of application
_ Inspection and maintenance of vehicles at home
__
December 12, 2016, 10:04:20
© 2016, OSRAM GmbH. All rights reserved.
INSPECTION LAMP
Page 1 of 3


Similar Part No. - LEDINSPECTSLIMLINE250

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDINSPECTFLASHLIGHT15 OSRAM-LEDINSPECTFLASHLIGHT15 Datasheet
91Kb / 3P
Type of protection: IP20
LEDINSPECTHEADLAMP300 OSRAM-LEDINSPECTHEADLAMP300 Datasheet
117Kb / 3P
Integrated battery storage
LEDINSPECTPENLIGHT80 OSRAM-LEDINSPECTPENLIGHT80 Datasheet
113Kb / 3P
Equipped with eight high-quality, long-lasting LEDs
LEDINSPECTPOCKET160 OSRAM-LEDINSPECTPOCKET160 Datasheet
126Kb / 3P
Rechargeable 3.7 V 1,500 mAh Li-ion battery
LEDINSPECTPROBONNET1400 OSRAM-LEDINSPECTPROBONNET1400 Datasheet
109Kb / 3P
High-quality aluminum housing
More results

Similar Description - LEDINSPECTSLIMLINE250

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
WR221230-36M8-G TDK-WR221230-36M8-G Datasheet
76Kb / 4P
Wireless Charging
WR222230-26M8-G TDK-WR222230-26M8-G Datasheet
72Kb / 4P
Wireless Charging
WR301025-19M8-G TDK-WR301025-19M8-G Datasheet
76Kb / 4P
Wireless Charging
WRM483245 TDK-WRM483245 Datasheet
100Kb / 5P
Wireless Charging
WTM505090-10K2-5V-G1 TDK-WTM505090-10K2-5V-G1 Datasheet
105Kb / 4P
Wireless charging
logo
OSRAM GmbH
LEDINSPECTPROFESSIONAL150 OSRAM-LEDINSPECTPROFESSIONAL150 Datasheet
117Kb / 4P
Charging indicator
LEDINSPECTPROPOCKET280 OSRAM-LEDINSPECTPROPOCKET280 Datasheet
146Kb / 3P
Charging indicator and battery status display
logo
Infineon Technologies A...
IRL60HS118 INFINEON-IRL60HS118 Datasheet
1Mb / 16P
Wireless charging
V1.2 2017-03-29
logo
Hotchip Technology Co.,...
HT3560S HOTCHIP-HT3560S Datasheet
1Mb / 6P
Charging voltage outside of charging voltage
logo
Shenzhen Huazhimei Semi...
HM6601Q HMSEMI-HM6601Q Datasheet
301Kb / 9P
USB Charging Port Controller for Fast Charging Protocol
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com