Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6986
Description  38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6986 Datasheet HTML 8Page - STMicroelectronics L6986 Datasheet HTML 9Page - STMicroelectronics L6986 Datasheet HTML 10Page - STMicroelectronics L6986 Datasheet HTML 11Page - STMicroelectronics L6986 Datasheet HTML 12Page - STMicroelectronics L6986 Datasheet HTML 13Page - STMicroelectronics L6986 Datasheet HTML 14Page - STMicroelectronics L6986 Datasheet HTML 15Page - STMicroelectronics L6986 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
Electrical characteristics
L6986
12/68
DocID025376 Rev 7
All the population tested at TJ = 25 °C, VIN = 12 V unless otherwise specified.
VRST = 0.791 V typical, LNM and LCM preferred codifications don't require any external
resistor.
Table 7. LNM / LCM selection
Symbol
RVCC
(E24 series)
RGND
(E24 series)
Operating
mode
VRST/VOUT
(tgt value)
VRST min. VRST typ. VRST max. Unit
VRST
0
NC
LCM
93%
0.779
0.791
0.802
V
8.2 k
 ± 1%
NC
80%
0.670
0.680
0.690
18 k
 ± 1%
NC
87%
0.728
0.740
0.751
39 k
 ± 1%
NC
96%
0.804
0.816
0.828
NC
0
LNM
93%
0.779
0.791
0.802
NC
8.2 k
 ± 1%
80%
0.670
0.680
0.690
NC
18 k
 ± 1%
87%
0.728
0.740
0.751
NC
39 k
 ± 1%
96%
0.804
0.816
0.828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com