Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413VH Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32F413VH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413VH Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32F413VH Datasheet HTML 103Page - STMicroelectronics STM32F413VH Datasheet HTML 104Page - STMicroelectronics STM32F413VH Datasheet HTML 105Page - STMicroelectronics STM32F413VH Datasheet HTML 106Page - STMicroelectronics STM32F413VH Datasheet HTML 107Page - STMicroelectronics STM32F413VH Datasheet HTML 108Page - STMicroelectronics STM32F413VH Datasheet HTML 109Page - STMicroelectronics STM32F413VH Datasheet HTML 110Page - STMicroelectronics STM32F413VH Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 207 page
background image
DocID029162 Rev 2
107/207
STM32F413xG/H
Electrical characteristics
174
6.3.8
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard I/O. The
external clock signal has to respect the Table 58. However, the recommended clock input
waveform is shown in Figure 27.
Table 39. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
tWUSLEEP
Wakeup from Sleep mode
--
4
6
clk
cycles
tWUSLEEPFDSM
Flash memory in Deep
power down mode
-
-
50.0
µs
tWUSTOP
Wakeup from STOP mode
Code execution on Flash
Main regulator
-
12.7
15.0
Main regulator, Flash
memory in Deep power
down mode
-
104.1
120.0
Wakeup from Stop mode,
regulator in low power
mode(2)
-
20.9
28.0
Regulator in low power
mode, Flash memory in
Deep power down mode(2)
-
112.5
130.0
Regulator in low power
mode low voltage, Flash
memory in Deep power
down mode
-
112.5
130.0
tWUSTOP
Wakeup from STOP mode
code execution on RAM(3)
Main regulator with Flash in
Stop mode or Deep power
down(2)
-4.2
7.0
Wakeup from Stop mode,
regulator in low power
mode and Flash in Stop
mode or Deep power down
-
12.6
20.0
tWUSTDBY
Wakeup from Standby
mode
-
-
328.2
400.0
tWUFLASH
Wakeup of Flash
From Flash_Stop mode
-
-
11.0
From Flash Deep power
down mode
-
-
40.0
1. Guaranteed by characterization.
2. The specification is valid for wakeup from regulator in low power mode or low power low voltage mode, since the timing
difference is negligible.
3. For the faster wakeup time for code execution on RAM, the Flash must be in STOP or DeepPower Down mode (see
reference manual RM0430).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com