Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413VH Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32F413VH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413VH Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32F413VH Datasheet HTML 11Page - STMicroelectronics STM32F413VH Datasheet HTML 12Page - STMicroelectronics STM32F413VH Datasheet HTML 13Page - STMicroelectronics STM32F413VH Datasheet HTML 14Page - STMicroelectronics STM32F413VH Datasheet HTML 15Page - STMicroelectronics STM32F413VH Datasheet HTML 16Page - STMicroelectronics STM32F413VH Datasheet HTML 17Page - STMicroelectronics STM32F413VH Datasheet HTML 18Page - STMicroelectronics STM32F413VH Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 207 page
background image
DocID029162 Rev 2
15/207
STM32F413xG/H
Description
42
Table 2. STM32F413xG/H features and peripheral counts
Peripherals
STM32F413xG
STM32F413xH
Flash memory (Kbyte)
1024
1536
SRAM
(Kbyte)
System
320 (256 + 64)
320 (256 + 64)
FSMC memory controller
-
1(1)
1-
1(1)
1
Quad-SPI memory
interface
-1
-
1
Timers
General-
purpose
10(2)
10
10(3)
10
10(2)
10
10(3)
10
Advanced-
control
2(4)
22(4)
2
Basic
2
2
Low-power
timer
11
Random number generator
1
1
Comm.
interfaces
SPI/ I2S
5/5 (2 full duplex)
5/5 (2 full duplex)
I2C3
3
I2CFMP
1
1
USART/
UART
3/3
4/3
4/6
3/3
4/3
4/6
SDIO/MMC
1
1
USB/OTG FS
Dual power rail
1
No
1
Yes
1
No
1
Yes
1
No
1
Yes
1
No
1
Yes
CAN
3
3
SAI
1
1
Number of digital Filters for
Sigma-delta modulator
Number of channels
66
711
12
7
11
12
LCD parallel interface
Data bus size
-8
16
-
8
16
GPIOs
36
50
60
81
114
36
50
60
81
114
12-bit ADC
Number of channels
11
10
16
10
16
12-bit DAC
Number of channels
Yes
Yes
22
Maximum CPU frequency
100 MHz
100 MHz
Operating voltage
1.7 to 3.6 V
1.7 to 3.6 V
Operating temperatures
Ambient temperatures:
– 40 to +85 °C / – 40 to +105 °C / – 40 to +125 °C
Ambient temperatures:
– 40 to +85 °C / – 40 to +105 °C / – 40 to +125 °C
Junction temperature: –40 to + 130 °C
Junction temperature: –40 to + 130 °C
Package
UFQFPN
48
LQFP
64
WLCSP
81
UFBGA/
LQFP100
UFBGA/
LQFP144
UFQFPN
48
LQFP64
WLCSP
81
UFBGA/
LQFP100
UFBGA/
LQFP144
1.
100 pins packages: only 1 external memory of up to 16 MB in multiplexed mode.
2.
48 pins packages: TIM3 and TIM4: ETR pin not available.
3.
81 pins packages: TIM4: ETR pin not available.
4.
48 pins packages: TIM8:CH1, CH2, CH3 and CH4 pins not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com