Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413VH Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32F413VH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413VH Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32F413VH Datasheet HTML 130Page - STMicroelectronics STM32F413VH Datasheet HTML 131Page - STMicroelectronics STM32F413VH Datasheet HTML 132Page - STMicroelectronics STM32F413VH Datasheet HTML 133Page - STMicroelectronics STM32F413VH Datasheet HTML 134Page - STMicroelectronics STM32F413VH Datasheet HTML 135Page - STMicroelectronics STM32F413VH Datasheet HTML 136Page - STMicroelectronics STM32F413VH Datasheet HTML 137Page - STMicroelectronics STM32F413VH Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 207 page
background image
Electrical characteristics
STM32F413xG/H
134/207
DocID029162 Rev 2
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 66 for the SPI interface are
derived from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 16, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 66. SPI dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode,
SPI1,4,5
3.0 V < VDD < 3.6 V
--
50
MHz
Master mode,
SPI1,4,5
2.7 V < VDD < 3.6 V
--
42
Master mode
SPI1,4,5
1.7 V < VDD < 3.6 V
--
25
Master transmitter mode
SPI1,4,5
1.71 V < VDD < 3.6 V
--
50
Slave receiver mode
SPI1,4,5
1.71 V < VDD < 3.6 V
--
50
Slave mode transmitter/full duplex
SPI1,4,5
2.7 V < VDD < 3.6 V
--
40(2)
Slave mode transmitter/full duplex
SPI1,4,5
1.71 V < VDD < 3.6 V
--
26
Master & Slave mode,
SPI2/3
1.71 V < VDD < 3.6 V
--
25
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4*TPCLK
--
ns
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2*TPCLK
--
ns
tw(SCKH)
tw(SCKL)
SCK high and low time Master mode
TPCLK - 2 TPCLK TPCLK +2
ns
tsu(MI)
Data input setup time
Master mode
2.5
-
-
ns
tsu(SI)
Slave mode
4.5
-
-
th(MI)
Data input hold time
Master mode
5
-
-
ns
th(SI)
Slave mode
2
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com