Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413VH Datasheet(PDF) 141 Page - STMicroelectronics

Part # STM32F413VH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413VH Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STM32F413VH Datasheet HTML 137Page - STMicroelectronics STM32F413VH Datasheet HTML 138Page - STMicroelectronics STM32F413VH Datasheet HTML 139Page - STMicroelectronics STM32F413VH Datasheet HTML 140Page - STMicroelectronics STM32F413VH Datasheet HTML 141Page - STMicroelectronics STM32F413VH Datasheet HTML 142Page - STMicroelectronics STM32F413VH Datasheet HTML 143Page - STMicroelectronics STM32F413VH Datasheet HTML 144Page - STMicroelectronics STM32F413VH Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 207 page
background image
DocID029162 Rev 2
141/207
STM32F413xG/H
Electrical characteristics
174
QSPI interface characteristics
Unless otherwise specified, the parameters given in the following tables for QSPI are
derived from tests performed under the ambient temperature, fAHB frequency and VDD
supply voltage conditions summarized in Table 16, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C=20pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 69. QSPI dynamic characteristics in SDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
QSPI clock frequency
2.7 V < VDD < 3.6 V
Cload = 20 pF
--
100
MHz
1.71 V < VDD < 3.6 V
Cload = 15 pF
--
80
tw(CKH)
QSPI clock high and low
-
t(CK) / 2 - 1
-
t(CK) / 2
ns
tw(CKL)
t(CK) / 2
-
t(CK) / 2 + 1
ts(IN)
Data input setup time
-
1.5
-
-
th(IN)
Data input hold time
-
3
-
-
tv(OUT)
Data output valid time
2.7 V < VDD < 3.6 V
-
0.5
3
1.71 V < VDD < 3.6 V
-
0.5
1
th(OUT)
Data output hold time
-
0
-
0
1. Guaranteed by characterization results.
Table 70. QSPI dynamic characteristics in DDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
QSPI clock frequency
2.7 V < VDD < 3.6 V
Cload = 20 pF
--
80
MHz
1.71 V< VDD < 3.6 V
Cload = 15 pF
--
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com