Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413ZH Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32F413ZH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413ZH Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32F413ZH Datasheet HTML 84Page - STMicroelectronics STM32F413ZH Datasheet HTML 85Page - STMicroelectronics STM32F413ZH Datasheet HTML 86Page - STMicroelectronics STM32F413ZH Datasheet HTML 87Page - STMicroelectronics STM32F413ZH Datasheet HTML 88Page - STMicroelectronics STM32F413ZH Datasheet HTML 89Page - STMicroelectronics STM32F413ZH Datasheet HTML 90Page - STMicroelectronics STM32F413ZH Datasheet HTML 91Page - STMicroelectronics STM32F413ZH Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 207 page
background image
Electrical characteristics
STM32F413xG/H
88/207
DocID029162 Rev 2
3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA for the
analog part.
Table 23. Typical and maximum current consumption, code with data processing (ART
accelerator disabled) running from SRAM - VDD = 3.6 V
Symbol Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA=
25 °C
TA=
25 °C
TA=
85 °C
TA=
105 °C
TA=
125 °C
IDD
Supply
current in
Run mode
External clock,
PLL ON,
all peripherals enabled(2)
100
33.3
35.32(3)
35.65
37.65
41.26(3)
mA
84
26.8
28.45(3)
28.97
30.82
34.39(3)
64
18.6
19.74(3)
20.35
22.11
25.35(3)
50
14.6
15.57
16.41
18.21
21.46
25
7.8
8.37
9.64
11.32
14.68
20
6.7
7.25
8.40
10.25
13.45
HSI, PLL OFF(4),
all peripherals enabled(2)
16
4.6
4.96
6.39
8.20
11.54
1
0.8
0.86
2.51
4.34
7.65
External clock,
PLL ON,
all peripherals
disabled(2)
100
15.7
16.74(3)
17.62
19.50
23.16(3)
84
12.7
13.57(3)
14.60
16.38
19.98(3)
64
9.0
9.62(3)
10.60
12.37
15.58(3)
50
7.1
7.69
8.79
10.63
13.79
25
4.0
4.52
5.68
7.44
10.68
20
3.4
4.03
5.23
6.90
10.27
HSI, PLL OFF,
all peripherals
disabled(2)
16
2.3
2.44
4.00
5.81
9.13
1
0.6
0.70
2.35
4.18
7.49
1. Based on characterization, not tested in production unless otherwise specified
2. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA for the
analog part.
3. Tested in production
4. When analog peripheral blocks such as ADC, HSE, LSE, HSI, or LSI are ON, an additional power consumption has to be
considered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com