Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413ZH Datasheet(PDF) 139 Page - STMicroelectronics

Part # STM32F413ZH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413ZH Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STM32F413ZH Datasheet HTML 135Page - STMicroelectronics STM32F413ZH Datasheet HTML 136Page - STMicroelectronics STM32F413ZH Datasheet HTML 137Page - STMicroelectronics STM32F413ZH Datasheet HTML 138Page - STMicroelectronics STM32F413ZH Datasheet HTML 139Page - STMicroelectronics STM32F413ZH Datasheet HTML 140Page - STMicroelectronics STM32F413ZH Datasheet HTML 141Page - STMicroelectronics STM32F413ZH Datasheet HTML 142Page - STMicroelectronics STM32F413ZH Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 207 page
background image
DocID029162 Rev 2
139/207
STM32F413xG/H
Electrical characteristics
174
SAI characteristics
Unless otherwise specified, the parameters given in Table 68 for SAI are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 16, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30 pF
•
Measurement points are performed at CMOS levels: 0.5VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (SCK,SD,WS).
Table 68. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCKL
SAI Main clock output
-
256 * 8K
256 * Fs(2)
MHz
FSCK
SAI clock frequency
Master data: 32 bits
-
128 * Fs
MHz
Slave data: 32 bits
-
128 * Fs
tv(FS)
FS valid time
Master mode
2.7 V <= VDD <= 3.6 V
-19
ns
Master mode
1.71 V <= VDD <= 3.6 V
-28
th(FS)
FS hold time
Master mode
13
-
Slave mode
0
-
tsu(FS)
FS setup time
Slave mode
3
-
tsu(SD_ A_MR)
Data input setup time
Master receiver
0.5
-
tsu(SD_B_SR)
Slave receiver
1.5
-
th(SD_ A_MR)
Data input hold time
Master receiver
5
-
th(SD_B_SR)
Slave receiver
2.5
-
tv(SD_B_ST) Data output valid time
Slave transmitter (after enable edge)
2.7 V <= VDD <= 3.6 V
-15
Slave transmitter (after enable edge)
1.71 V <= VDD <= 3.6 V
-28
th(SD_B_ST) Data output hold time
Slave transmitter (after enable edge)
10
-
tv(SD_A_MT) Data output valid time
Master transmitter (after enable edge)
2.7 V <= VDD <= 3.6 V
-15
Master transmitter (after enable edge)
1.71 V <= VDD <= 3.6 V
-29
th(SD_A_MT) Data output hold time Master transmitter (after enable edge)
13
-
1. Guaranteed by characterization results.
2. 256 * Fs maximum corresponds to 45 MHz (APB2 maximum frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com