Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413CG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F413CG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F413CG Datasheet HTML 9Page - STMicroelectronics STM32F413CG Datasheet HTML 10Page - STMicroelectronics STM32F413CG Datasheet HTML 11Page - STMicroelectronics STM32F413CG Datasheet HTML 12Page - STMicroelectronics STM32F413CG Datasheet HTML 13Page - STMicroelectronics STM32F413CG Datasheet HTML 14Page - STMicroelectronics STM32F413CG Datasheet HTML 15Page - STMicroelectronics STM32F413CG Datasheet HTML 16Page - STMicroelectronics STM32F413CG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 207 page
background image
DocID029162 Rev 2
13/207
STM32F413xG/H
Description
42
2
Description
The STM32F413XG/H devices are based on the high-performance ARM® Cortex®-M4 32-
bit RISC core operating at a frequency of up to 100 MHz. Their Cortex®-M4 core features a
Floating point unit (FPU) single precision which supports all ARM single-precision data-
processing instructions and data types. It also implements a full set of DSP instructions and
a memory protection unit (MPU) which enhances application security.
The STM32F413XG/H devices belong to the STM32F4 access product lines (with products
combining power efficiency, performance and integration) while adding a new innovative
feature called Batch Acquisition Mode (BAM) allowing to save even more power
consumption during data batching.
The STM32F413XG/H devices incorporate high-speed embedded memories (up to
1.5 Mbytes of Flash memory, 320 Kbytes of SRAM), and an extensive range of enhanced
I/Os and peripherals connected to two APB buses, three AHB buses and a 32-bit multi-AHB
bus matrix.
All devices offer a 12-bit ADC, two 12-bit DACs, a low-power RTC, twelve general-purpose
16-bit timers including two PWM timer for motor control, two general-purpose 32-bit timers
and a low power timer.
They also feature standard and advanced communication interfaces.
Up to four I2Cs, including one I2C supporting Fast-Mode Plus
Five SPIs
Five I2Ss out of which two are full duplex. To achieve audio class accuracy, the I2S
peripherals can be clocked via a dedicate internal audio PLL or via an external clock to
allow synchronization.
Four USARTs and six UARTs
An SDIO/MMC interface
An USB 2.0 OTG full-speed interface
Three CANs
An SAI.
In addition, the STM32F413xG/H devices embed advanced peripherals:
A flexible static memory control interface (FSMC)
A Quad-SPI memory interface
Two digital filter for sigma modulator (DFSDM) supporting microphone MEMs and
sound source localization, one with two filters and up to four inputs, and the second
one with four filters and up to eight inputs
They are offered in 7 packages ranging from 48 to 144 pins. The set of available peripherals
depends on the selected package. Refer to Table 2: STM32F413xG/H features and
peripheral counts for the peripherals available for each part number.
The STM32F413xG/H operate in the – 40 to + 125 °C temperature range from a 1.7 (PDR
OFF) to 3.6 V power supply. A comprehensive set of power-saving mode allows the design
of low-power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com