Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9513 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9513
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9513 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9513 Datasheet HTML 35Page - SMSC Corporation LAN9513 Datasheet HTML 36Page - SMSC Corporation LAN9513 Datasheet HTML 37Page - SMSC Corporation LAN9513 Datasheet HTML 38Page - SMSC Corporation LAN9513 Datasheet HTML 39Page - SMSC Corporation LAN9513 Datasheet HTML 40Page - SMSC Corporation LAN9513 Datasheet HTML 41Page - SMSC Corporation LAN9513 Datasheet HTML 42Page - SMSC Corporation LAN9513 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9513/LAN9513i
39
Revision 1.2 (02-29-12)
DATASHEET
6Ch
FF
Class Code
6Dh
00
Subclass Code
6Eh
FF
Protocol Code
6Fh
40
Maximum Packet Size for Endpoint 0
70h-71h
24 04
Vendor ID (0424h)
72h-73h
00 EC
Product ID (EC00h)
74h-75h
00 01
Device Release Number (0100h)
76
01
Index of Manufacturer String Descriptor
77h
00
Index of Product String Descriptor
78h
00
Index of Serial Number String Descriptor
79h
01
Number of Possible Configurations
7Ah
09
Size of Full-Speed Configuration Descriptor in bytes (9 bytes)
7Bh
02
Descriptor Type (Configuration Descriptor - 02h)
7Ch-7Dh
27 00
Total length in bytes of data returned (0027h = 39 bytes)
7Eh
01
Number of Interfaces
7Fh
01
Value to use as an argument to select this configuration
80h
00
Index of String Descriptor describing this configuration
81h
E0
Self powered and remote wakeup enabled
82h
01
Maximum Power Consumption is 2 mA
83h
09
Size of Full-Speed Interface Descriptor in Bytes (9 Bytes)
84h
04
Descriptor Type (Interface Descriptor - 04h)
85h
00
Number identifying this Interface
86h
00
Value used to select alternative setting
87h
03
Number of Endpoints used for this interface (Less endpoint 0)
88h
FF
Class Code
89h
00
Subclass Code
8Ah
FF
Protocol Code
8Bh
00
Index of String Descriptor describing this interface
8Ch-FFh
-
Data storage for use by Host as desired
Table 3.12 EEPROM Example - 256 Byte EEPROM (continued)
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com