Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9218 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN9218
Description  High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9218 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN9218 Datasheet HTML 17Page - SMSC Corporation LAN9218 Datasheet HTML 18Page - SMSC Corporation LAN9218 Datasheet HTML 19Page - SMSC Corporation LAN9218 Datasheet HTML 20Page - SMSC Corporation LAN9218 Datasheet HTML 21Page - SMSC Corporation LAN9218 Datasheet HTML 22Page - SMSC Corporation LAN9218 Datasheet HTML 23Page - SMSC Corporation LAN9218 Datasheet HTML 24Page - SMSC Corporation LAN9218 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9218
21
Revision 2.9 (03-01-12)
DATASHEET
2.2
Buffer Types
Note 2.2
Table 2.7 Buffer Types
TYPE
DESCRIPTION
I
Input pin
IS
Schmitt triggered Input
O12
Output with 12mA sink and 12mA source
OD12
Open-drain output with 12mA sink
OD8
Open-drain output with 8mA sink
O8
Output 8mA symmetrical drive
PU
50uA (typical) internal pull-up
PD
50uA (typical) internal pull-down
AI
Analog input
AO
Analog output
AIO
Analog bi-directional
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com