Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9217 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN9217
Description  16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9217 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN9217 Datasheet HTML 17Page - SMSC Corporation LAN9217 Datasheet HTML 18Page - SMSC Corporation LAN9217 Datasheet HTML 19Page - SMSC Corporation LAN9217 Datasheet HTML 20Page - SMSC Corporation LAN9217 Datasheet HTML 21Page - SMSC Corporation LAN9217 Datasheet HTML 22Page - SMSC Corporation LAN9217 Datasheet HTML 23Page - SMSC Corporation LAN9217 Datasheet HTML 24Page - SMSC Corporation LAN9217 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 139 page
background image
16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9217
21
Revision 2.9 (03-01-12)
DATASHEET
Table 2.7 100-TQFP Package Pin Assignments
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
1
GND_CORE
26
RX_CLK
51
D9
76
FIFO_SEL
2
VREG
27
GND_IO
52
D8
77
VSS_A
3
VDD_CORE
28
VDD_IO
53
D7
78
TPO-
4
VSS_PLL
29
RX_DV
54
GND_IO
79
TPO+
5
XTAL2
30
MDIO
55
VDD_IO
80
VSS_A
6
XTAL1
31
MDC
56
D6
81
VDD_A
7
VDD_PLL
32
CRS
57
D5
82
TPI-
8
VDD_REF
33
COL
58
D4
83
TPI+
9
ATEST
34
GND_IO
59
D3
84
NC
10
RBIAS
35
VDD_IO
60
GND_IO
85
VDD_A
11
VSS_REF
36
TXD3
61
VDD_IO
86
VSS_A
12
A7
37
TXD2
62
D2
87
EXRES1
13
A6
38
TXD1
63
D1
88
VSS_A
14
A5
39
TXD0
64
D0
89
VDD_A
15
A4
40
TX_CLK
65
VDD_CORE
90
NC
16
A3
41
GND_IO
66
GND_CORE
91
NC
17
A2
42
VDD_IO
67
EEDIO
92
nRD
18
A1
43
D15
68
EECS
93
nWR
19
GND_IO
44
D14
69
EECLK
94
nCS
20
VDD_IO
45
D13
70
PME
95
nRESET
21
TX_EN
46
D12
71
NC
96
GND_IO
22
RXD1
47
GND_IO
72
IRQ
97
VDD_IO
23
RXD2
48
VDD_IO
73
AMDIX_EN
98
GPIO0/nLED1
24
RXD3
49
D11
74
SPEED_SEL
99
GPIO1/nLED2
25
RX_ER
50
D10
75
RXD0
100
GPIO2/nLED3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com