Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST Fast Ethernet Controller with Full Duplex Capability
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN91C100FD_08 Datasheet HTML 17Page - SMSC Corporation LAN91C100FD_08 Datasheet HTML 18Page - SMSC Corporation LAN91C100FD_08 Datasheet HTML 19Page - SMSC Corporation LAN91C100FD_08 Datasheet HTML 20Page - SMSC Corporation LAN91C100FD_08 Datasheet HTML 21Page - SMSC Corporation LAN91C100FD_08 Datasheet HTML 22Page - SMSC Corporation LAN91C100FD_08 Datasheet HTML 23Page - SMSC Corporation LAN91C100FD_08 Datasheet HTML 24Page - SMSC Corporation LAN91C100FD_08 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC LAN91C100FD Rev. D
Page 21
Revision 1.0 (09-22-08)
DATASHEET
ALGNERR - Frame had alignment error. When MII SEL=1 alignment error is set when BADCRC=1 and an
odd number of nibbles was received between SFD and RX_DV going inactive. When MII SEL=0 alignment
error is set when BADCRC=1 and the number of bits received between SFD and the CRS going inactive is
not an octet multiple.
BRODCAST - Receive frame was broadcast.
BADCRC - Frame had CRC error, or RX_ER was asserted during reception.
ODDFRM - This bit when set indicates that the received frame had an odd number of bytes.
TOOLNG - Frame length was longer than 802.3 maximum size (1518 bytes on the cable).
TOOSHORT - Frame length was shorter than 802.3 minimum size (64 bytes on the cable).
HASH VALUE - Provides the hash value used to index the Multicast Registers. Can be used by receive
routines to speed up the group address search. The hash value consists of the six most significant bits of
the CRC calculated on the Destination Address, and maps into the 64 bit multicast table. Bits 5,4,3 of the
hash value select a byte of the multicast table, while bits 2,1,0 determine the bit within the byte selected.
Examples of the address mapping:
ADDRESS
HASH VALUE 5-0
MULTICAST TABLE BIT
ED 00 00 00 00 00
0D 00 00 00 00 00
01 00 00 00 00 00
2F 00 00 00 00 00
000 000
010 000
100 111
111 111
MT-0 bit 0
MT-2 bit 0
MT-4 bit 7
MT-7 bit 7
MULTCAST - Receive frame was multicast. If hash value corresponds to a multicast table bit that is set,
and the address was a multicast, the packet will pass address filtering regardless of other filtering criteria.
I/O SPACE
The base I/O space is determined by the IOS0-IOS2 inputs and the EEPROM contents. To limit the I/O
space requirements to 16 locations, the registers are assigned to different banks. The last word of the I/O
area is shared by all banks and can be used to change the bank in use. Registers are described using the
following convention:
OFFSET
NAME
TYPE
SYMBOL
HIGH
BYTE
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
X
X
X
X
X
X
X
X
LOW
BYTE
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
X
X
X
X
X
X
X
X
OFFSET - Defines the address offset within the IOBASE where the register can be accessed at, provided
the bank select has the appropriate value.
The offset specifies the address of the even byte (bits 0-7) or the address of the complete word.
The odd byte can be accessed using address (offset + 1).
Some registers (like the Interrupt Ack., or like Interrupt Mask) are functionally described as two eight bit
registers, in that case the offset of each one is independently specified.
Regardless of the functional description, all registers can be accessed as doublewords, words or bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com