Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175145 Datasheet(PDF) 34 Page - Tyco Electronics

Part # 175145
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175145 Datasheet(HTML) 34 Page - Tyco Electronics

Back Button 175145 Datasheet HTML 30Page - Tyco Electronics 175145 Datasheet HTML 31Page - Tyco Electronics 175145 Datasheet HTML 32Page - Tyco Electronics 175145 Datasheet HTML 33Page - Tyco Electronics 175145 Datasheet HTML 34Page - Tyco Electronics 175145 Datasheet HTML 35Page - Tyco Electronics 175145 Datasheet HTML 36Page - Tyco Electronics 175145 Datasheet HTML 37Page - Tyco Electronics 175145 Datasheet HTML 38Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
111
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Dyna-Tap Connectors (Wire-to-Panel and Wire-to-Wire) (Continued)
AMP Dynamic Series Connectors
D-3200 Series Dyna-Tap
24P (4P x 6 Row) ((C
Co
on
nttiin
nu
ue
ed
d))
Mating Dimensions
Dimensions
Receptacle Housing
Tab Housing
Panel Mount Type
Free-hanging Type
Panel/Free-hanging Type
Panel Cutout
No. of
Part Number
Dimensions
Pos.
ABC
3
1-178128-3
29.70
24.10
19.24
No. of
Plating
Part Number
Dimensions
Pos.
Panel Mount Type
Free-hanging Type
AB
C
24
0.38 µm Gold
1827691-2
1827691-1
47.45
38.1
29.24
2.0 µm Tin
1-1827691-2
1-1827691-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com