Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM32 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM32
Description  3-Terminal Negative Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM32 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM32 Datasheet HTML 1Page - National Semiconductor (TI) LM32 Datasheet HTML 2Page - National Semiconductor (TI) LM32 Datasheet HTML 3Page - National Semiconductor (TI) LM32 Datasheet HTML 4Page - National Semiconductor (TI) LM32 Datasheet HTML 5Page - National Semiconductor (TI) LM32 Datasheet HTML 6Page - National Semiconductor (TI) LM32 Datasheet HTML 7Page - National Semiconductor (TI) LM32 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM320L/LM79LXXAC Series
3-Terminal Negative Regulators
General Description
The LM320L/LM79LXXAC dual marked series of 3-terminal
negative voltage regulators features fixed output voltages of
−5V, −12V, and −15V with output current capabilities in
excess of 100mA. These devices were designed using the
latest computer techniques for optimizing the packaged IC
thermal/electrical performance. The LM79LXXAC series,
even when combined with a minimum output compensation
capacitor of 0.1µF, exhibits an excellent transient response,
a maximum line regulation of 0.07% V
O/V, and a maximum
load regulation of 0.01% V
O/mA.
The LM320L/LM79LXXAC series also includes, as self-
protection circuitry: safe operating area circuitry for output
transistor power dissipation limiting, a temperature indepen-
dent short circuit current limit for peak output current limiting,
and a thermal shutdown circuit to prevent excessive junction
temperature. Although designed primarily as fixed voltage
regulators, these devices may be combined with simple
external circuitry for boosted and/or adjustable voltages and
currents. The LM79LXXAC series is available in the 3-lead
TO-92 package, 8-lead SOIC package, and the 6-Bump
micro SMD package. The LM320L series is available in the
3-lead TO-92 package.
For output voltage other than −5V, −12V and −15V, the
LM137L series provides an output voltage range from 1.2V
to 47V.
Features
n
Preset output voltage error is less than ±5% overload,
line and temperature
n
Specified at an output current of 100mA
n
Easily compensated with a small 0.1µF output
capacitor
n
Internal short-circuit, thermal and safe operating area
protection
n
Easily adjustable to higher output voltages
n
Maximum line regulation less than 0.07% V
OUT/V
n
Maximum load regulation less than 0.01% V
OUT/mA
n
See AN-1112 for micro SMD considerations
Typical Applications
Fixed Output Regulator
00774801
*Required if the regulator is located far from the power supply filter. A 1µF
aluminum electrolytic may be substituted.
**Required for stability. A 1µF aluminum electrolytic may be substituted.
Adjustable Output Regulator
00774803
−V0 = −5V − (5V/R1 + IQ) • R2,
5V/R1 > 3IQ
Connection Diagrams
6-Bump micro SMD
00774820
Bump Side Down
TO-92 Plastic Package (Z)
00774802
Bottom View
February 2005
© 2005 National Semiconductor Corporation
DS007748
www.national.com


Similar Part No. - LM32

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM32 NSC-LM32 Datasheet
268Kb / 12P
Series 3-Terminal Negative Regulators
LM32 NSC-LM32 Datasheet
281Kb / 14P
Precision Timers
LM32 NSC-LM32 Datasheet
237Kb / 9P
Low Power Single Op Amp
LM32 NSC-LM32 Datasheet
222Kb / 8P
Dual Voltage Regulator
LM32 NSC-LM32 Datasheet
340Kb / 24P
Dual Thermal Diode Temperature Sensor with SensorPath Bus
More results

Similar Description - LM32

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
3-Terminal Negative Regulators
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
National Semiconductor ...
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
3-Terminal Negative Regulators
logo
Texas Instruments
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
3-Terminal Adjustable Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
Series 3-Terminal Negative Regulators
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
3-Terminal Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com