Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34
Description  Precision Fahrenheit Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM34 Datasheet HTML 1Page - National Semiconductor (TI) LM34 Datasheet HTML 2Page - National Semiconductor (TI) LM34 Datasheet HTML 3Page - National Semiconductor (TI) LM34 Datasheet HTML 4Page - National Semiconductor (TI) LM34 Datasheet HTML 5Page - National Semiconductor (TI) LM34 Datasheet HTML 6Page - National Semiconductor (TI) LM34 Datasheet HTML 7Page - National Semiconductor (TI) LM34 Datasheet HTML 8Page - National Semiconductor (TI) LM34 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DC Electrical Characteristics (Notes 2, 7) (Continued)
Note 8: Accuracy is defined as the error between the output voltage and 10 mV/˚F times the device’s case temperature at specified conditions of voltage, current,
and temperature (expressed in ˚F).
Note 9: Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line over the device’s rated temperature
range.
Note 10: Quiescent current is defined in the circuit of
Figure 1.
Note 11: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions (Note 2).
Note 12: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 13: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in a current National Semicon-
ductor Linear Data Book for other methods of soldering surface mount devices.
DC Electrical Characteristics (Notes 2, 7)
LM34
LM34C, LM34D
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typical
Limit
Limit
Typical
Limit
Limit
(Max)
(Note 5)
(Note 6)
(Note 5)
(Note 6)
Accuracy, LM34, LM34C
T
A = +77˚F
±0.8
±2.0
±0.8
±2.0
˚F
(Note 8)
T
A = 0˚F
±1.0
±1.0
±3.0
˚F
T
A = TMAX
±1.6
±3.0
±1.6
±3.0
˚F
T
A = TMIN
±1.6
±3.0
±1.6
±4.0
˚F
Accuracy, LM34D
T
A = +77˚F
±1.2
±3.0
˚F
(Note 8)
T
A = TMAX
±1.8
±4.0
˚F
T
A = TMIN
±1.8
±4.0
˚F
Nonlinearity (Note 9)
T
MIN ≤ TA ≤ TMAX
±0.6
±1.0
±0.4
±1.0
˚F
Sensor Gain
T
MIN ≤ TA ≤ TMAX
+10.0
+9.8,
+10.0
+9.8,
mV/˚F, min
(Average Slope)
+10.2
+10.2
mV/˚F, max
Load Regulation
T
A = +77˚F
±0.4
±2.5
±0.4
±2.5
mV/mA
(Note 4)
T
MIN ≤ TA ≤ +150˚F
±0.5
±6.0
±0.5
±6.0
mV/mA
0
≤ I
L ≤ 1mA
Line Regulation
T
A = +77˚F
±0.01
±0.1
±0.01
±0.1
mV/V
(Note 4)
5V
≤ V
S ≤ 30V
±0.02
±0.2
±0.02
±0.2
mV/V
Quiescent Current
V
S = +5V, +77˚F
75
100
75
100
µA
(Note 10)
V
S = +5V
131
176
116
154
µA
V
S = +30V, +77˚F
76
103
76
103
µA
V
S = +30V
132
181
117
159
µA
Change of Quiescent
4V
≤ V
S ≤ 30V, +77˚F
+0.5
3.0
0.5
3.0
µA
Current (Note 4)
5V
≤ V
S ≤ 30V
+1.0
5.0
1.0
5.0
µA
Temperature Coefficient
+0.30
+0.7
+0.30
+0.7
µA/˚F
of Quiescent Current
Minimum Temperature
In circuit of
Figure 1,
+3.0
+5.0
+3.0
+5.0
˚F
for Rated Accuracy
I
L = 0
Long-Term Stability
T
j = TMAX
for 1000 hours
±0.16
±0.16
˚F
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com