Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

178304 Datasheet(PDF) 32 Page - Tyco Electronics

Part # 178304
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

178304 Datasheet(HTML) 32 Page - Tyco Electronics

Back Button 178304 Datasheet HTML 28Page - Tyco Electronics 178304 Datasheet HTML 29Page - Tyco Electronics 178304 Datasheet HTML 30Page - Tyco Electronics 178304 Datasheet HTML 31Page - Tyco Electronics 178304 Datasheet HTML 32Page - Tyco Electronics 178304 Datasheet HTML 33Page - Tyco Electronics 178304 Datasheet HTML 34Page - Tyco Electronics 178304 Datasheet HTML 35Page - Tyco Electronics 178304 Datasheet HTML 36Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
109
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Dyna-Tap Connectors (Wire-to-Panel and Wire-to-Wire) (Continued)
AMP Dynamic Series Connectors
Mating Dimensions
Tab Housings
(18-Position)
Free-Hanging Type
Part Number 1376807-1
Panel Mount Type
Part Number 1376807-2
Mating Receptacle Housing
(6-Position)
Part Number 1-178288-6
Panel Cutout
When mounting panel from the front,
apply clamping torque of less than
49N [11 lbf].
Caution:
Dynamic Series contacts are available
either with gold plating or tin plating.
However, Dyna-Tap Contacts are only
available with 0.38 µm thick gold plating.
Mating gold plated contacts with tin
plated contacts will cause electrolytic
corrosion. Therefore, please choose
gold plated contacts for the mating
Dyna-Tap Connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com