Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU13 Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # MU13
Description  Bi-Color / Light Bar Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MU13 Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  MU13 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MU13 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Color and L uminous Intens ity
MIN.
T YP .
IF
Ga P
7
14
20
Ga AlAs
6
12
20
Ga P
204020
Ga AlAs
6
12
20
※1 L uminous Inte nsity : 5 chips (Gre e n・ Ye llow Green), 1 chip (Red)
Abs olute Maximum R atings
P d
mW
IF
mA
IFR M
mA
⊿ IF
mA/℃
⊿ IFRM
mA/℃
VR
V
T opr
℃
T stg
℃
※2 P owe r Dissipa tion : 5 chips (Gre e n・ Ye llow Green), 1 chip (Red)
T he othe r Ite ms : 1 chip
※3 IFRM Measurement condition : P ulse Width ≦ 2ms, Duty ≦ 1/5
E lectro- Optical Characteris tics
Conditions
TYP .
MAX .
Re ve rse Curre nt
VR =4V
IR
MAX .
μA
Pe a k Wa ve le ng th IF =20mA
λp
TYP .
nm
Spe ctra l L ine Ha lf
Width
IF =20mA ⊿λ
TYP .
nm
※ The above Items : 1 chip
555
570
660
30
30
30
2.5
2.0
100
100
100
-40~ +85
2.2
2.1
1.7
0.80
0.80
0.80
-40~ +85
44
4
60
60
0.33
0.40
0.40
60
P a rt No.
Ma te ria l E mitte d Color
Symbol
MU13-9101
MU13-9102
Green
Re d
Re d
Ye llow Green
5
1
Numbe r of
Chips
5
1
Iv (mc d)
Inte nsity
※ 1
Ye llow Gre e n
Re sin Color
Milky White
Milky White
Green
Ye llow Green
25
30
Unit
Re d
60
30
Absolute Ma x imum Ra ting s
310
375
V
IF =20mA
Ite m
VF
Symbol
Re d
Unit
Green
Characte ristics
2.5
F orw ard Voltage
Operating Te mperature
Ite m
P owe r Dissipa tion
※ 2
S torag e Temperature
Forwa rd Curre nt
P ulse F orward Current
※ 3
Re ve rse Volta g e
De ra ting
(T a =25℃ or hig he r)
MU13 Series
Bi-Color / Light Bar Module
Page 2
(Ta=25℃)
(Ta=25℃)
2012.11.19



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com