Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN1102W Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # DN1102W
Description  Surface Mount IRED/Inner Lens Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DN1102W Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  DN1102W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MIN.
MAX .
A0.8
1.6
B1.1
2.2
C1.6
3.2
D2.2
4.4
E3.2
-
IE(mW/s r)
IF = 20mA
Condition
Rank
Page 3
※Please contact our sales staff concerning rank designation.
2004.11.17
DN1102W
(Ta=25℃)
Surface Mount IRED/Inner Lens Type
Radiant Intensity Rank



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com