Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3545 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBR3545
Description  Not ESD Sensitive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR3545 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR3545 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR3545 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR3545 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 45 V - 100 V
IF = 35 A
Features
• High Surge Capability
DO-4 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
MBR3545(R)
MBR3560(R)
Unit
Repetitive peak reverse voltage
VRRM
45
60
V
RMS reverse voltage
VRMS
32
42
V
DC blocking voltage
VDC
45
60
V
Conditions
100
70
100
80
MBR3545 thru MBR35100R
MBR35100(R)
80
57
MBR3580(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
• Types from 45 V to 100 V VRRM
Silicon Power
Schottky Diode
2. Reverse polarity (R): Stud is anode.
DC blocking voltage
VDC
45
60
V
Continuous forward current
IF
35
35
A
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBR3545(R)
MBR3560(R)
Unit
Diode forward voltage
0.68
0.75
1.5
1.5
25
25
Thermal characteristics
Thermal resistance, junction -
case
RthJC
1.5
1.5
°C/W
V
-55 to 150
-55 to 150
TC = 25 °C, tp = 8.3 ms
100
80
600
-55 to 150
MBR35100(R)
1.5
1.5
MBR3580(R)
1.5
VR = 20 V, Tj = 125 °C
1.5
0.84
0.84
25
mA
600
VR = 20 V, Tj = 25 °C
IF = 35 A, Tj = 25 °C
TC ≤ 110 °C
Conditions
600
600
-55 to 150
35
35
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
Reverse current
IR
VF
25
A
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBR3545

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3545 MCC-MBR3545 Datasheet
115Kb / 2P
35 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR3545 TEL-MBR3545 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
logo
Naina Semiconductor ltd...
MBR3545 NAINA-MBR3545 Datasheet
124Kb / 2P
Schottky Power Diode, 35A
logo
Digitron Semiconductors
MBR3545 DIGITRON-MBR3545 Datasheet
108Kb / 2P
35 AMP SCHOTTKY BARRIER RECTIFIER
logo
New Jersey Semi-Conduct...
MBR3545 NJSEMI-MBR3545 Datasheet
45Kb / 1P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR3545

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X050A060 GENESIC-MBR2X050A060 Datasheet
312Kb / 3P
Not ESD Sensitive
MBR2X060A120 GENESIC-MBR2X060A120 Datasheet
394Kb / 3P
Not ESD Sensitive
MBR2X160A120 GENESIC-MBR2X160A120 Datasheet
314Kb / 3P
Not ESD Sensitive
MBR30020CTL GENESIC-MBR30020CTL Datasheet
447Kb / 3P
Not ESD Sensitive
MBR60030CTL GENESIC-MBR60030CTL Datasheet
447Kb / 3P
Not ESD Sensitive
MBR60035CTL GENESIC-MBR60035CTL Datasheet
429Kb / 3P
Not ESD Sensitive
1N5829 GENESIC-1N5829 Datasheet
846Kb / 3P
Not ESD Sensitive
MBR7520 GENESIC-MBR7520 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR8020 GENESIC-MBR8020 Datasheet
367Kb / 3P
Not ESD Sensitive
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com