Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNP331 Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNP331
Description  THROUGH-HOLE SHAPE - INFRARED LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNP331 Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  DNP331 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
18
THROUGH-HOLE SHAPE - INFRARED LED
Unit
nm
mA
mW/sr
mA
mW
mA
MHz
mA
Part No.
Features
Peak
Wavelength
l P
Cut-Off Frequency
Fc
Output Power
Po
I F
Spatial Distribution
(The typical distribution example of
each shape is shown below)
TYP.
I F
TYP.
Shape
fig.
MIN.
1F
TYP.
MIN.
Radiant Intensity
I E
I F
TYP.
90∞
60∞
30∞
30∞
60∞
90∞
0∞
90∞
60∞
30∞
30∞
60∞
90∞
0.5
0∞
60∞
0∞
30∞
60∞
90∞
90∞
30∞
0.5
60∞
0∞
30∞
60∞
90∞
90∞
30∞
0.5
90∞
60∞
30∞
0∞
0∞
0∞
30∞
60∞
90∞
0.5
90∞
60∞
30∞
30∞
60∞
90∞
0.5
90∞
60∞
30∞
30∞
60∞
90∞
0.5
90∞
60∞
30∞
0∞
30∞
60∞
90∞
0.5
0.5
90∞
60∞
30∞
0∞
30∞
60∞
90∞
0.5
0.5
0.5
60∞
0∞
30∞
60∞
90∞
90∞
30∞
0.5
90∞
60∞
30∞
0∞
30∞
60∞
90∞
0.5
n
Infrared LED
DNH318U
DNK318U
DNF318U-4
DNP318U-4
DNK324U
DNF324U-4
DNP324U-8
DNP325-4
DNP319
DNP331
DNF320-4
Hi-speed
100MHz
f5 package
Hi-speed
Hi-power output
f5 package
Hi-speed
f5 package
Hi-output
f5 package
Hi-speed
Hi-power output
Wide distribution
f5 package
Hi-speed
Wide distribution
f5 package
Hi-output
Wide distribution
f5 package
Hi-radiant
intensity
Narrow
distribution
f5 package
f3 package
Wide distribution
f3 package
Hi-radiant
intensity
Narrow
distribution
f10 package
850
870
850
880
870
850
880
880
880
880
850
50
50
50
50
50
50
50
50
50
50
50
10
40
30
30
15
15
21
40
20
10.5
100
20
80
60
60
30
30
35
80
40
21
200
50
50
50
50
50
50
50
50
50
50
50
5
20
13
13
22
13
18
13
14
16
13
50
50
50
50
50
50
50
50
50
50
50
70
40
20
—
40
20
—
—
—
—
20
100
55
30
12
55
30
12
12
12
12
30
50
50
50
50
50
50
50
50
50
50
50
v
All above products contain no lead
* Lead-free soldering compatible product
*
*
*
*
*
*
*
*
*
*
*
Ta= 25°C
1
1
1
1
2
2
2
3
4
5
6


Similar Part No. - DNP331

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNP331 STANLEY-DNP331 Datasheet
178Kb / 10P
Through-hole IRED/3 Wide Distribution Type
More results

Similar Description - DNP331

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Visual Communications C...
THR22 VCC-THR22 Datasheet
27Kb / 1P
THROUGH-HOLE LED MOUNT
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
logo
P-tec Corporation
PL03L-WDW24 P-TEC-PL03L-WDW24 Datasheet
806Kb / 7P
3mm Round Through-Hole LED
PL03Q-WDP03 P-TEC-PL03Q-WDP03 Datasheet
667Kb / 6P
3mm Round Through-Hole LED
PL03L-WDW24 P-TEC-PL03L-WDW24_14 Datasheet
806Kb / 7P
3mm Round Through-Hole LED
PL03Q-WDP03 P-TEC-PL03Q-WDP03_14 Datasheet
667Kb / 6P
3mm Round Through-Hole LED
logo
TT Electronics.
OVLBB4C7 TTELEC-OVLBB4C7 Datasheet
215Kb / 9P
Round Through-Hole LED Lamp
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
712Kb / 8P
Round Through-Hole LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com