Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2D-0515S-RZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2D-0515S-RZ
Description  2 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-0515S-RZ Datasheet(HTML) 2 Page - AIMTEC

  AM2D-0515S-RZ Datasheet HTML 1Page - AIMTEC AM2D-0515S-RZ Datasheet HTML 2Page - AIMTEC AM2D-0515S-RZ Datasheet HTML 3Page - AIMTEC AM2D-0515S-RZ Datasheet HTML 4Page - AIMTEC AM2D-0515S-RZ Datasheet HTML 5Page - AIMTEC AM2D-0515S-RZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series AM2D-RZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
2 of 6
North America only
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
Max (mA)
Isolation
(VDC)
Input Current
Full Load | No
Load (mA)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM2D-0505D-RZ
4.5-5.5
±5
±200
1000
494
50
±100
82
AM2D-0509D-RZ
4.5-5.5
±9
±111
1000
471
50
±100
85
AM2D-0512D-RZ
4.5-5.5
±12
±83
1000
471
50
±47
86
AM2D-0515D-RZ
4.5-5.5
±15
±67
1000
465
50
±47
87
AM2D-1205D-RZ
10.8-13.2
±5
±200
1000
198
40
±100
84
AM2D-1209D-RZ
10.8-13.2
±9
±111
1000
194
40
±100
88
AM2D-1212D-RZ
10.8-13.2
±12
±83
1000
189
40
±47
89
AM2D-1215D-RZ
10.8-13.2
±15
±67
1000
189
40
±47
89
AM2D-1505D-RZ
13.5-16.5
±5
±200
1000
157
30
±100
85
AM2D-1509D-RZ
13.5-16.5
±9
±111
1000
153
30
±100
88
AM2D-1512D-RZ
13.5-16.5
±12
±83
1000
153
30
±47
88
AM2D-1515D-RZ
13.5-16.5
±15
±67
1000
152
30
±47
88
AM2D-2405D-RZ
21.6-26.4
±5
±200
1000
102
20
±100
82
AM2D-2409D-RZ
21.6-26.4
±9
±111
1000
99
20
±100
85
AM2D-2412D-RZ
21.6-26.4
±12
±83
1000
97
20
±47
86
AM2D-2415D-RZ
21.6-26.4
±15
±67
1000
96
20
±47
87
AM2D-4805D-RZ
43.2-52.8
±5
400
1000
51
10
±100
82
AM2D-4809D-RZ
43.2-52.8
±9
222
1000
50
10
±100
84
AM2D-4812D-RZ
43.2-52.8
±12
167
1000
48
10
±47
86
AM2D-4815D-RZ
43.2-52.8
±15
134
1000
47
10
±47
87
AM2D-0505DH30-RZ
4.5-5.5
±5
±200
3000
494
50
±100
82
AM2D-0509DH30-RZ
4.5-5.5
±9
±111
3000
471
50
±100
85
AM2D-0512DH30-RZ
4.5-5.5
±12
±83
3000
471
50
±47
86
AM2D-0515DH30-RZ
4.5-5.5
±15
±67
3000
465
50
±47
87
AM2D-1205DH30-RZ
10.8-13.2
±5
±200
3000
198
40
±100
84
AM2D-1209DH30-RZ
10.8-13.2
±9
±111
3000
194
40
±100
88
AM2D-1212DH30-RZ
10.8-13.2
±12
±83
3000
189
40
±47
89
AM2D-1215DH30-RZ
10.8-13.2
±15
±67
3000
189
40
±47
89
AM2D-1505DH30-RZ
13.5-16.5
±5
±200
3000
157
30
±100
85
AM2D-1509DH30-RZ
13.5-16.5
±9
±111
3000
153
30
±100
88
AM2D-1512DH30-RZ
13.5-16.5
±12
±83
3000
153
30
±47
88
AM2D-1515DH30-RZ
13.5-16.5
±15
±67
3000
152
30
±47
88
AM2D-2405DH30-RZ
21.6-26.4
±5
±200
3000
102
20
±100
82
AM2D-2409DH30-RZ
21.6-26.4
±9
±111
3000
99
20
±100
85
AM2D-2412DH30-RZ
21.6-26.4
±12
±83
3000
97
20
±47
86
AM2D-2415DH30-RZ
21.6-26.4
±15
±67
3000
96
20
±47
87
AM2D-4805DH30-RZ
43.2-52.8
±5
400
3000
51
10
±100
82
AM2D-4809DH30-RZ
43.2-52.8
±9
222
3000
50
10
±100
84
AM2D-4812DH30-RZ
43.2-52.8
±12
167
3000
48
10
±47
86
AM2D-4815DH30-RZ
43.2-52.8
±15
134
3000
47
10
±47
87
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com