Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB20H04-JD Datasheet(PDF) 27 Page - SMSC Corporation

Part # USB20H04-JD
Description  4-PORT USB2.0 HUB CONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04-JD Datasheet(HTML) 27 Page - SMSC Corporation

Back Button USB20H04-JD Datasheet HTML 23Page - SMSC Corporation USB20H04-JD Datasheet HTML 24Page - SMSC Corporation USB20H04-JD Datasheet HTML 25Page - SMSC Corporation USB20H04-JD Datasheet HTML 26Page - SMSC Corporation USB20H04-JD Datasheet HTML 27Page - SMSC Corporation USB20H04-JD Datasheet HTML 28Page - SMSC Corporation USB20H04-JD Datasheet HTML 29Page - SMSC Corporation USB20H04-JD Datasheet HTML 30Page - SMSC Corporation USB20H04-JD Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
4-Port USB2.0 Controller
Datasheet
SMSC USB20H04
Page 27
Revision 1.63 (10-14-04)
DATASHEET
Table 8.6 - Default Configuration Values
REGISTER
ADDRESS
REGISTER NAME
SELF-POWERED
DEFAULT (HEX)
BUS-POWERED
DEFAULT (HEX)
01h
VID MSB
04
04
02h
VID LSB
24
24
03h
PID MSB
**
**
04h
PID LSB
00
00
05h
DID MSB
00
00
06h
DID LSB
00
00
07h
Config Data Byte 3
58
98
08h
Config Data Byte 2
00
08
09h
Config Data Byte 1
05
05
0Ah
Max Power
00
64
0Bh
Hub Controller Max Current
00
64
0Ch
Power-on Time
80
80
** The default PID value is dependent on the silicon revision.
8.4
Reset
There are two different resets that the USB20H04 will experience. One is a hardware reset (via the
RESET_N pin) and the second a USB Reset.
8.4.1
External Hardware Reset
A valid hardware reset is initiated by the assertion of RESET_N for a minimum of 100ns after all power
supplies are within operating range.
Assertion of RESET_N (external pin) causes the following:
1.
All downstream ports are disabled, and VBUS power to downstream devices is removed.
2.
The PHYs are disabled, and the differential pairs will be in a high-impedance state
3.
All transactions immediately terminate, and no states are saved.
4.
All internal registers return to the default state (in most cases, 00(h)).
5.
LED indicators are disabled
After RESET_N is negated, the USB20H04 is ready to be configured as an SMBus slave (if SMB_SEL_N
= 0) or it reads OEM specific data from the external EEPROM (if SMB_SEL_N = 1). Default values for
configuration data are loaded if the SELF ONLY default strapping option is selected, or if an EEPROM is
not present. The timing associated with these options is shown in the tables below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com